Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9R64 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT91SAM9R64
Description  Thumb Microcontrollers
PDF  911 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9R64 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT91SAM9R64 Datasheet HTML 45Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 46Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 47Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 48Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 49Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 50Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 51Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 52Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 911 page
background image
49
6289A–ATARM–15-Jan-08
AT91SAM9R64/RL64 Preliminary
12. ARM926EJ-S Processor Overview
12.1
Overview
The ARM926EJ-S processor is a member of the ARM9™ family of general-purpose microproces-
sors. The ARM926EJ-S implements ARM architecture version 5TEJ and is targeted at multi-
tasking applications where full memory management, high performance, low die size and low
power are all important features.
The ARM926EJ-S processor supports the 32-bit ARM and 16-bit THUMB instruction sets,
enabling the user to trade off between high performance and high code density. It also supports
8-bit Java instruction set and includes features for efficient execution of Java bytecode, provid-
ing a Java performance similar to a JIT (Just-In-Time compilers), for the next generation of Java-
powered wireless and embedded devices. It includes an enhanced multiplier design for
improved DSP performance.
The ARM926EJ-S processor supports the ARM debug architecture and includes logic to assist
in both hardware and software debug.
The ARM926EJ-S provides a complete high performance processor subsystem, including:
• an ARM9EJ-S
™ integer core
• a Memory Management Unit (MMU)
• separate instruction and data AMBA™ AHB bus interfaces
• separate instruction and data TCM interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com