Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9260 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM9260
Description  Thumb Microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9260 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9260 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13
6221DS–ATARM–22-Sep-06
AT91SAM9260 Preliminary
4.4
217-ball LFBGA Pinout
Table 4-2.
Pinout for 217-ball LFBGA Package
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
A1
CFIOW/NBS3/NWR3
D5
A5
J14
TDO
P17
PB5
A2
NBS0/A0
D6
GND
J15
PB19
R1
NC
A3
NWR2/NBS2/A1
D7
A10
J16
TDI
R2
GNDANA
A4
A6
D8
GND
J17
PB16
R3
PC29
A5
A8
D9
VDDCORE
K1
PC24
R4
VDDANA
A6
A11
D10
GND
K2
PC20
R5
PB12
A7
A13
D11
VDDIOM
K3
D15
R6
PB23
A8
BA0/A16
D12
GND
K4
PC21
R7
GND
A9
A18
D13
DDM
K8
GND
R8
PB26
A10
A21
D14
HDPB
K9
GND
R9
PB28
A11
A22
D15
NC
K10
GND
R10
PA0
A12
CFWE/NWE/NWR0
D16
VDDBU
K14
PB4
R11
PA4
A13
CFOE/NRD
D17
XIN32
K15
PB17
R12
PA5
A14
NCS0
E1
D10
K16
GND
R13
PA10
A15
PC5
E2
D5
K17
PB15
R14
PA21
A16
PC6
E3
D3
L1
GND
R15
PA23
A17
PC4
E4
D4
L2
PC26
R16
PA24
B1
SDCK
E14
HDPA
L3
PC25
R17
PA29
B2
CFIOR/NBS1/NWR1
E15
HDMA
L4
VDDIOP0
T1
PLLRCA
B3
SDCS/NCS1
E16
GNDBU
L14
PA28
T2
GNDPLL
B4
SDA10
E17
XOUT32
L15
PB9
T3
PC0
B5
A3
F1
D13
L16
PB8
T4
PC1
B6
A7
F2
SDWE
L17
PB14
T5
PB10
B7
A12
F3
D6
M1
VDDCORE
T6
PB22
B8
A15
F4
GND
M2
PC31
T7
GND
B9
A20
F14
OSCSEL
M3
GND
T8
PB29
B10
NANDWE
F15
BMS
M4
PC22
T9
PA2
B11
PC7
F16
JTAGSEL
M14
PB1
T10
PA6
B12
PC10
F17
TST
M15
PB2
T11
PA8
B13
PC13
G1
PC15
M16
PB3
T12
PA11
B14
PC11
G2
D7
M17
PB7
T13
VDDCORE
B15
PC14
G3
SDCKE
N1
XIN
T14
PA20
B16
PC8
G4
VDDIOM
N2
VDDPLL
T15
GND
B17
WKUP
G14
GND
N3
PC23
T16
PA22
C1
D8
G15
NRST
N4
PC27
T17
PA27
C2
D1
G16
RTCK
N14
PA31
U1
GNDPLL
C3
CAS
G17
TMS
N15
PA30
U2
ADVREFP
C4
A2
H1
PC18
N16
PB0
U3
PC2
C5
A4
H2
D14
N17
PB6
U4
PC3
C6
A9
H3
D12
P1
XOUT
U5
PB20
C7
A14
H4
D11
P2
VDDPLL
U6
PB21
C8
BA1/A17
H8
GND
P3
PC30
U7
PB25
C9
A19
H9
GND
P4
PC28
U8
PB27
C10
NANDOE
H10
GND
P5
PB11
U9
PA12
C11
PC9
H14
VDDCORE
P6
PB13
U10
PA13
C12
PC12
H15
TCK
P7
PB24
U11
PA14
C13
DDP
H16
NTRST
P8
VDDIOP1
U12
PA15
C14
HDMB
H17
PB18
P9
PB30
U13
PA19
C15
NC
J1
PC19
P10
PB31
U14
PA17
C16
VDDIOP0
J2
PC17
P11
PA1
U15
PA16
C17
SHDN
J3
VDDIOM
P12
PA3
U16
PA18
D1
D9
J4
PC16
P13
PA7
U17
VDDIOP0
D2
D2
J8
GND
P14
PA9
D3
RAS
J9
GND
P15
PA26
D4
D0
J10
GND
P16
PA25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com