Electronic Components Datasheet Search
  English  ▼

X  

AT89C52 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C52
Description  8-bit Microcontroller with 8K Bytes Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C52 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C52 Datasheet HTML 14Page - ATMEL Corporation AT89C52 Datasheet HTML 15Page - ATMEL Corporation AT89C52 Datasheet HTML 16Page - ATMEL Corporation AT89C52 Datasheet HTML 17Page - ATMEL Corporation AT89C52 Datasheet HTML 18Page - ATMEL Corporation AT89C52 Datasheet HTML 19Page - ATMEL Corporation AT89C52 Datasheet HTML 20Page - ATMEL Corporation AT89C52 Datasheet HTML 21Page - ATMEL Corporation AT89C52 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AT89C52
18
AC Characteristics
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF.
External Program and Data Memory Characteristics
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
24
MHz
t
LHLL
ALE Pulse Width
127
2t
CLCL-40
ns
t
AVLL
Address Valid to ALE Low
43
t
CLCL-13
ns
tLLAX
Address Hold After ALE Low
48
tCLCL-20
ns
t
LLIV
ALE Low to Valid Instruction In
233
4t
CLCL-65
ns
t
LLPL
ALE Low to PSEN Low
43
t
CLCL-13
ns
tPLPH
PSEN Pulse Width
205
3tCLCL-20
ns
t
PLIV
PSEN Low to Valid Instruction In
145
3t
CLCL-45
ns
t
PXIX
Input Instruction Hold after PSEN
00
ns
tPXIZ
Input Instruction Float after PSEN
59
tCLCL-10
ns
t
PXAV
PSEN to Address Valid
75
t
CLCL-8
ns
t
AVIV
Address to Valid Instruction In
312
5t
CLCL-55
ns
tPLAZ
PSEN Low to Address Float
10
10
ns
t
RLRH
RD Pulse Width
400
6t
CLCL-100
ns
t
WLWH
WR Pulse Width
400
6t
CLCL-100
ns
tRLDV
RD Low to Valid Data In
252
5tCLCL-90
ns
t
RHDX
Data Hold After RD
00
ns
t
RHDZ
Data Float After RD
97
2t
CLCL-28
ns
tLLDV
ALE Low to Valid Data In
517
8tCLCL-150
ns
t
AVDV
Address to Valid Data In
585
9t
CLCL-165
ns
t
LLWL
ALE Low to RD or WR Low
200
300
3t
CLCL-50
3t
CLCL+50
ns
tAVWL
Address to RD or WR Low
203
4tCLCL-75
ns
t
QVWX
Data Valid to WR Transition
23
t
CLCL-20
ns
t
QVWH
Data Valid to WR High
433
7t
CLCL-120
ns
tWHQX
Data Hold After WR
33
tCLCL-20
ns
t
RLAZ
RD Low to Address Float
0
0
ns
t
WHLH
RD or WR High to ALE High
43
123
t
CLCL-20
t
CLCL+25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com