Electronic Components Datasheet Search
  English  ▼

X  

5925A Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 5925A
Description  Temperature-Compensated Crystal Oscillator (TCXO)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

5925A Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  5925A Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Code
Frequency (MHz)
5925A-AJD50
5925A-[
]M-NSA3039E
Ordering Code
Frequency (MHz)
5925A-AKG50
5925A-[
]M-NSA3039D
Ordering Code
Frequency (MHz)
5925A-ALH50
5925A-[
]M-NSA3039C
Ordering Code
Frequency (MHz)
5925A-AML50
5925A-[
]M-NSA3039B
Ordering Code
Frequency (MHz)
10 to 25
10 to 25
10 to 25
10 to 25
10 to 25
5925A-AQP50
5925A-[
]M-NSA3039A
Specify a frequency in the square brackets.
Specify the frequency in seven digits
(the decimal point is not included).
Model Name 5925A
Temperature-Compensated Crystal Oscillator (TCXO) 5900 Series
co18_071108_5925A_e1
mm
Nominal frequency range
(MHz)
Power supply voltage
Load
Operating temperature range
Consumption current
Output level
Frequency / temperature characteristic
Power supply variation characteristics
Aging
Frequency adjustment range
Case code
Note: See “FREQ.ADJ. method” with an external variable resistor used in the figure of Case Code 25A.
*If you require a product with other than standard characteristics, please contact us.
Item
Model
Classification
10 to 25
+5V DC
10kΩ//10pF
−20 to +70°C
5mA max
1V(Peak to Peak)min
±1.5×10−6 max
±0.2×10−6 max/+5V±5%
±1×10−6 max/year
±3×10−6 min (Note)
25A
5925A
−10 to +50°C
±0.5×10−6 max
AJD50
−20 to +60°C
±1×10−6 max
AKG50
ALH50
−30 to +75°C
±2×10−6 max
AML50
−40 to +85°C
±5×10−6 max
AQP50
25
4−φ0.8
FREQ.ADJ.
GND
OUT PUT
+DC
17±0.3
5kΩ
GND
FREQ.ADJ. method
FREQ.ADJ.
n Specifications
n Dimensions
n List of Ordering Codes
For communication equipment
Crystal Oscillator
n Features
n Main Application
l Stable frequencies can be obtained across a wide temperature range.
l Low power consumption.


Similar Part No. - 5925A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5925 3M-5925 Datasheet
796Kb / 9P
Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
Nov-2015
logo
Alpha Wire
5925 ALPHAWIRE-5925 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper4
logo
Belden Inc.
5925 BELDEN-5925 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
3M Electronics
5925 P2 R 3M-5925 P2 R Datasheet
305Kb / 4P
6000 Series Full Face Respirators
05/2007
logo
Tyco Electronics
59250 MACOM-59250 Datasheet
4Mb / 8P
Premium CERTI-CRIMP II Hand Tools
More results

Similar Description - 5925A

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
5921A NDK-5921A Datasheet
91Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
NT2520SB NDK-NT2520SB Datasheet
292Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO) NT2520S Series
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
High Precision Temperature Compensated Crystal Oscillator (TCXO)
logo
Fronter Electronics Co....
TCXO-SMD3225 FRONTER-TCXO-SMD3225 Datasheet
128Kb / 1P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR(TCXO) FOR GPS
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com