Electronic Components Datasheet Search
  English  ▼

X  

19794 Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # 19794
Description  E1/T1/PRI/CEPT Single Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

19794 Datasheet(HTML) 1 Page - TALEMA Group. LLC

  19794 Datasheet HTML 1Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(10-06) Communications\ E1/T1\19649
Features
•
SMD package for high density board plcement
•
consistent and reliable coplanarity
•
controlled parameters ensure full compliance with ITU-T
G.703 when
matched with recommended IC
•
ideal for all 1.544 and 2.048 Mbs interface applications
•
manufactured in an ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
•
1500Vrms minimum isolation voltage
•
operating temperature: -4 0° to 85°
•
fully RoHS compliant and meets lead free reflow
level J-STD-020C
Electrical Specifications @ 25°C
E1/T1/PRI/CEPT Single Interface Transformers
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Coplanarity: <0.004 (0.10)
Dimensions & Schematics
Test Conditions:
Inductance:
W2 - measurement at 10kHz, 100mV
Leakage Inductance: W2 <1.0µH, W1 short circuited - measurement at 100kHz, 10mA
Turns Ratio:
W1 : W2; Tolerance ±2%
High Voltage:
2.0kV for 1 second, W1 to W2
S
M
2
s
r
e
m
r
o
f
s
n
a
r
T
e
c
a
f
r
e
t
n
I
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
L
C
O
)
.
n
i
M
H
m
(
2
W
L
L
)
.
x
a
M
H
µ
(
R
C
D
)
.
x
a
M
s
m
h
O
(
1
W
R
C
D
)
.
x
a
M
s
m
h
O
(
2
W
V
P
)
s
m
r
V
(
4
9
7
9
1
4
1
4
.
1
:
1
0
,
4
0
,
1
4
.
0
5
.
0
0
0
5
1
0.098
(2.50)
0.047
(1.20)
0.590
(15.00)
0.300
(7.62)
Schematic
Suggested
Pad Layout
4
1
5
8
W1
W2
1
:
1.414
0° - 8°
0.020
(0.50)
0.339
(8.60)
0.291
(7.40)
0.433
(11.00)
0.100
(2.54)
0.300
(7.62)
0.472
(12.00)
0.551
(14.00)
TALEMA IN
WK/YR
Part Number
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-nuvotem.com
Ireland
NUVOTEMTEO.
Crolly
Co. Donegal
Tel: Int. + 353 74 - 954 8666
Fax: Int. + 353 74 - 954 8139
Email: info@nuvotem.com
Germany
TALEMA ELEKTRONIK GMBH
Sembdnerstr. 5, Postfach 2523
82110 Germering
Tel: Int. + 49 89 - 841 00 - 0
Fax: Int. + 49 89 - 841 00 25
Email: info@talema.de
Eastern Europe &
Czech Republic
NT MAGNETICS s.r.o.
Chebská 27
322 00 Plzeñ
Tel: Int. + 420 377 - 338 351
Fax: Int. + 420 377 - 338 350
Email: talema@talema.cz
Web Site:
www.ntmagnetics.cz
India
TALEMA ELECTRONIC PVT. LTD.
Opposite the SIDCO Industrial Estate
Gins Towers
4/5S.H/1, Omalur Main Road
Salem - 636 004, Tamil Nadu
Tel: Int. + 91 427 - 244 1325
Fax: Int. + 91 427 - 243 0034
E-mail: talema@talemaindia.com
Web Site: www.talemaindia.com
THE TALEMA GROUP • Magnetic Components for ISDN / xDSL / LAN Data Communications


Similar Part No. - 19794

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1979400000 WEIDMULLER-1979400000 Datasheet
75Kb / 3P
BLF 5.00/02/90 SN BK BX
1979410000 WEIDMULLER-1979410000 Datasheet
75Kb / 3P
BLF 5.00/02/90 SN BK BX
1979420000 WEIDMULLER-1979420000 Datasheet
75Kb / 3P
BLF 5.00/02/90 SN BK BX
1979420000 WEIDMULLER-1979420000 Datasheet
553Kb / 8P
BLF 5.00HC/17/90 SN BK BX
1979430000 WEIDMULLER-1979430000 Datasheet
75Kb / 3P
BLF 5.00/02/90 SN BK BX
More results

Similar Description - 19794

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
IS2M-6 TALEMA-IS2M-6 Datasheet
45Kb / 1P
E1/T1/ PRI/CEPT Single Transformers
19649 TALEMA-19649 Datasheet
38Kb / 1P
E1/T1/PRI/CEPT Single Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com