Electronic Components Datasheet Search
  English  ▼

X  

AC1010 Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # AC1010
Description  10 Amp Current Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

AC1010 Datasheet(HTML) 1 Page - TALEMA Group. LLC

  AC1010 Datasheet HTML 1Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC1010 • 10 Amp Current Transformer
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
r
t
c
e
l
E
t
n
e
r
r
u
C
y
r
a
m
i
r
P.
x
a
m
A
0
6
,
.
m
o
n
A
0
1
o
i
t
a
R
s
n
r
u
Tl
a
n
i
m
o
n
1
:
0
0
0
1
d
a
o
l
m
h
o
0
0
1
r
o
f
A
0
1
t
a
o
i
t
a
R
p
m
A
r
e
p
t
l
o
VA
/
V
0
0
1
.
0
d
a
o
l
m
h
o
0
0
1
r
o
f
A
1
t
a
o
i
t
a
R
p
m
A
r
e
p
t
l
o
VA
/
V
7
9
0
.
0
C
°
0
2
t
a
e
c
n
a
t
s
i
s
e
R
C
Ds
m
h
o
8
.
1
4
)
t
o
p
-
i
H
(
e
g
a
t
l
o
V
g
n
i
d
n
a
t
s
h
t
i
W
c
i
r
t
c
e
l
e
i
Ds
m
r
V
K
4
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
n
a
h
c
e
M
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
t
n
e
m
n
o
r
i
v
n
E
e
s
a
Ce
t
a
n
o
b
r
a
c
y
l
o
Pe
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
3
1
+
o
t
°
5
5
-
t
n
a
l
u
s
p
a
c
n
Ey
x
o
p
Ee
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I.
n
i
m
s
m
h
o
g
e
m
0
0
1
y
t
il
i
b
i
m
m
a
l
FO
V
-
4
9
L
U
o
t
s
m
r
o
f
n
o
C
s
l
a
n
i
m
r
e
Tm
m
0
8
.
0
Ø
s
n
i
P
g
n
i
k
r
a
M
A
M
E
L
A
T
)
Y
/
W
(
e
d
o
C
e
t
a
D
n
i
p
t
r
a
t
s
t
a
t
o
D
,
0
1
0
1
t
h
g
i
e
W
e
t
a
m
i
x
o
r
p
p
As
m
a
r
g
3
.
6
1
e
c
n
a
r
e
l
o
Tm
m
2
.
0
±
0.01
0.1
1
10
100
1
10
100
Input Current in Amps
Output Volts vs Input Current
For various ohmic loads
50
100
200
500
1K
2K
5K
10K
Infinity
0.1
1
10
100
0.01
0.1
1
10
100
1000
Sec RMS Exciting current in mA
Typical Excitation Curve
(AC1005~AC1020)
10
100
1000
10000
0
100
200
300
400
500
600
Percent ratio error in %
%RE vs RL at Rated primary current
(AC1010)
Notes:
1) Unless requested, the terminating resistor and the one-turn
primary are not supplied
2) Pin 3: Normally for mechanical support only but will be
used on center tapped designs
Low Cost 50/60Hz Current Transformers
Applications
•
Sensing Overload Current
•
Ground fault detection
•
Metering
•
Analog to Digital Circuits
ElectricalSpecifications@20°Cambient
I - Turn
Primary
1/8W
100 ohms
2
1
1.0V
10A
10mA
R
L
Dimensions
7.62
15.24
11.12
5±1mm
TALEMA INDIA
W/Y
AC1010
Ø9.50
2
3
1
23.80
1.75
Ø 0.813
• Competitive pricing due to high volume
production
• Manufactured in an ISO-9001:2000,
TS-16949:2002 and ISO-14001:2004
certified Talema facility
• Fully RoHS compliant
Germany: Int.+49 89 - 841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
(06-06) CT’s\AC1010


Similar Part No. - AC1010

ManufacturerPart #DatasheetDescription
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
I2S/PCM Audio Interfaces Stereo CODEC
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101-TF ETC-AC101-TF Datasheet
155Kb / 2P
10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
logo
Teledyne Technologies I...
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
logo
TALEMA Group. LLC
AC1015 TALEMA-AC1015 Datasheet
60Kb / 1P
15 Amp Current Transformer
More results

Similar Description - AC1010

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1040 TALEMA-AC1040 Datasheet
61Kb / 1P
40 Amp Current Transformer
AC1005 TALEMA-AC1005 Datasheet
63Kb / 1P
5 Amp Current Transformer
AC1015 TALEMA-AC1015 Datasheet
60Kb / 1P
15 Amp Current Transformer
AC1020 TALEMA-AC1020 Datasheet
60Kb / 1P
20 Amp Current Transformer
AC1025 TALEMA-AC1025 Datasheet
62Kb / 1P
25 Amp Current Transformer
AC1030 TALEMA-AC1030 Datasheet
62Kb / 1P
30 Amp Current Transformer
AC1050 TALEMA-AC1050 Datasheet
62Kb / 1P
50 Amp Current Transformer
AC1075 TALEMA-AC1075 Datasheet
62Kb / 1P
75 Amp Current Transformer
AC1150 TALEMA-AC1150 Datasheet
60Kb / 1P
150 Amp Current Transformer
AC1200 TALEMA-AC1200 Datasheet
62Kb / 1P
200 Amp Current Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com