Electronic Components Datasheet Search
  English  ▼

X  

MMP6S1K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MMP6S1K-F
Description  Polyester Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MMP6S1K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MMP6S1K-F Datasheet HTML 1Page - Cornell Dubilier Electronics MMP6S1K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type MMP Polyester Film Capacitors
Cap.
Catalog
T
W
L
d
dV/dt
(µF)
Number
Inches
(mm)
Inches
(mm)
Inches
(mm)
Inches
(mm)
V/μs
250 Vdc (160 Vac) (cont'd)
0.680
MMP2P68K-F
0.256
(6.5)
0.492
(12.5)
1.103
(28.0)
0.032
(0.8)
10
1.000
MMP2W1K-F
0.295
(7.5)
0.532
(13.5)
1.103
(28.0)
0.032
(0.8)
10
1.500
MMP2W1P5K-F
0.335
(8.5)
0.591
(15.0)
1.260
(32.0)
0.032
(0.8)
10
2.200
MMP2W2P2K-F
0.394
(10.0)
0.709
(18.0)
1.378
(35.0)
0.032
(0.8)
8
3.300
MMP2W3P3K-F
0.492
(12.5)
0.866
(22.0)
1.457
(37.0)
0.032
(0.8)
8
4.700
MMP2W4P7K-F
0.630
(16.0)
0.985
(25.0)
1.694
(43.0)
0.032
(0.8)
6
6.800
MMP2W6P8K-F
0.748
(19.0)
1.063
(27.0)
1.575
(40.0)
0.032
(0.8)
8
10.000
MMP2W10K-F
0.630
(16.0)
1.063
(27.0)
1.930
(49.0)
0.032
(0.8)
6
400 Vdc (200 Vac)
0.022
MMP4S22K-F
0.197
(5.0)
0.354
(9.0)
0.670
(17.0)
0.024
(0.6)
45
0.033
MMP4S33K-F
0.236
(6.0)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
45
0.047
MMP4S47K-F
0.236
(6.0)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
45
0.068
MMP4S68K-F
0.256
(6.5)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
45
0.100
MMP4P1K-F
0.256
(6.5)
0.433
(11.0)
0.748
(19.0)
0.024
(0.6)
27
0.150
MMP4P15K-F
0.256
(6.5)
0.453
(11.5)
0.866
(22.0)
0.024
(0.6)
27
0.220
MMP4P22K-F
0.295
(7.5)
0.532
(13.5)
0.985
(25.0)
0.024
(0.6)
15
0.330
MMP4P33K-F
0.315
(8.0)
0.571
(14.5)
1.063
(27.0)
0.032
(0.8)
15
0.470
MMP4P47K-F
0.354
(9.0)
0.610
(15.5)
1.063
(27.0)
0.032
(0.8)
15
0.680
MMP4P68K-F
0.354
(9.0)
0.630
(16.0)
1.378
(35.0)
0.032
(0.8)
14
1.000
MMP4W1K-F
0.414
(10.5)
0.729
(18.5)
1.378
(35.0)
0.032
(0.8)
14
1.500
MMP4W1P5K-F
0.492
(12.5)
0.827
(21.0)
1.378
(35.0)
0.032
(0.8)
14
2.200
MMP4W2P2K-F
0.551
(14.0)
0.906
(23.0)
1.575
(40.0)
0.032
(0.8)
12
3.300
MMP4W3P3K-F
0.670
(17.0)
1.024
(26.0)
1.575
(40.0)
0.032
(0.8)
12
4.700
MMP4W4P7K-F
0.827
(21.0)
1.182
(30.0)
1.575
(40.0)
0.032
(0.8)
12
630 Vdc (250 Vac)
0.010
MMP6S1K-F
0.197
(5.0)
0.354
(9.0)
0.670
(17.0)
0.024
(0.6)
72
0.015
MMP6S15K-F
0.236
(6.0)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
72
0.022
MMP6S22K-F
0.236
(6.0)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
72
0.033
MMP6S33K-F
0.236
(6.0)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
72
0.047
MMP6S47K-F
0.236
(6.0)
0.394
(10.0)
0.906
(23.0)
0.024
(0.6)
43
0.068
MMP6S68K-F
0.276
(7.0)
0.433
(11.0)
0.906
(23.0)
0.024
(0.6)
43
0.100
MMP6P1K-F
0.315
(8.0)
0.512
(13.0)
0.906
(23.0)
0.032
(0.8)
43
0.150
MMP6P15K-F
0.394
(10.0)
0.591
(15.0)
0.906
(23.0)
0.032
(0.8)
43
0.220
MMP6P22K-F
0.354
(9.0)
0.591
(15.0)
1.063
(27.0)
0.032
(0.8)
28
0.330
MMP6P33K-F
0.394
(10.0)
0.670
(17.0)
1.063
(27.0)
0.032
(0.8)
28
0.470
MMP6P47K-F
0.473
(12.0)
0.689
(17.5)
1.378
(35.0)
0.032
(0.8)
21
0.680
MMP6P68K-F
0.433
(11.0)
0.748
(19.0)
1.378
(35.0)
0.032
(0.8)
21
1.000
MMP6W1K-F
0.512
(13.0)
0.866
(22.0)
1.536
(39.0)
0.032
(0.8)
21
1.500
MMP6W1P5K-F
0.670
(17.0)
1.063
(27.0)
1.536
(39.0)
0.032
(0.8)
21
2.200
MMP6W2P2K-F
0.748
(19.0)
1.103
(28.0)
1.930
(49.0)
0.032
(0.8)
12
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com