Electronic Components Datasheet Search
  English  ▼

X  

20186 Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # 20186
Description  ISDN-SO Miniature Interface Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

20186 Datasheet(HTML) 1 Page - TALEMA Group. LLC

  20186 Datasheet HTML 1Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 375-48 666 • Czech Rep: Int.+420 19-744 9303 • India: Int.+91 427-387 492
http://www.talema-nuvotem.com
Features
•
designed for optimum compatability with all established
interface IC’s
•
excellent and consistent balance between windings
•
miniature surface mount package
•
complies fully with CCITT.I.430 recommendations and
corresponding national standards for S-Interface
•
manufactured in ISO-9001.2000 approved Talema facility
•
operating temperature: 0 to 70°C
Electrical Specifications @ 25°C
S
t
n
u
o
M
e
c
a
f
r
u
S
0
s
r
e
m
r
o
f
s
n
a
r
T
e
c
a
f
r
e
t
n
I
r
e
b
m
u
N
t
r
a
P
LN
)
n
i
M
H
m
(
o
i
t
a
R
s
n
r
u
T
LL
)
x
a
M
H
µ
(
CC
)
x
a
M
F
p
(
R U
C P
)
s
m
h
O
(
R U
C S
)
s
m
h
O
(
VP
)
s
m
r
V
(
6
8
1
0
25
21
:
10
.
20
68
,
38
,
30
0
5
1
ISDN - S
O Miniature Interface Transformer
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Standard Packaging: Tape and Reel
Test conditions
Inductance (Lo): Line side windings in series - measurement @ 10kHz, 100mV
Polarity and Turns Ratio: Pins 1 -2 : 3 - 4 : 5 - 6 : 7 - 8 = ±2%
Coupling Capacitance: IC side winding (windings in series) to Line side windings in series @ 10kHz, 100mV
Leakage Inductance: Line side windings in series, IC side winding/s short circuited - measurement @ 100kHz, 100mV
Test Voltage: 1.5kV for 2 Sec. - Line side windings in series to IC side windings in series
Coplanarity: ±0.004(0.10mm)
Schematic
Surface Coplanarity will be 0.004(0.10)
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-nuvotem.com
Ireland
NUVOTEM TEO.
Crolly
Co. Donegal
Tel: Int. + 353 74 - 954 8666
Fax: Int. + 353 74 - 954 8139
Email: info@nuvotem.com
Germany
TALEMA ELEKTRONIK GMBH
Sembdnerstr. 5, Postfach 2523
82110 Germering
Tel: Int. + 49 89 - 841 00 - 0
Fax: Int. + 49 89 - 841 00 25
Email: info@talema.de
India
TALEMA ELECTRONIC PVT. LTD.
Opposite the SIDCO Industrial Estate
Gins Towers
4/5S.H/1, Omalur Main Road
Salem - 636 004, Tamil Nadu
Tel: Int. + 91 427 - 244 1325
Fax: Int. + 91 427 - 243 0034
E-mail: talema@talemaindia.com
Eastern Europe &
Czech Republic
NT MAGNETICS s.r.o.
Chebská 27
322 00 Plzeñ
Tel: Int. + 420 37 - 744 9303
Fax: Int. + 420 37 - 744 3697
Email: talema@talema.cz
Dimensions
0.169
(4.30)
0.209
(5.30)
0.020 x 0.12
(0.50 x 0.30)
3 x 0.050
(3 x 1.27)
0.031
(0.80)
0.394
(10.00)
Suggested Pad
Layout
0.213
(5.40)
8
7
6
5
1
2
3
4
IC
Line
0.299
(7.60)
0.354
(9.00)
3 x 0.050
(3 x 1.27)
0.228
(5.80)
Wk/Yr
USA: AlfaMag Electronics LLC | 945 Parkwood | PO Box 668 | Rolla, MO 65402
Phone: 1-800-413-6693 FAX: 1-364-5390 EMail: support@alfamag.com
http://www.alfamag.com
(03-04)


Similar Part No. - 20186

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2018 ETC2-2018 Datasheet
1Mb / 5P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
2018 BOURNS-2018 Datasheet
586Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
logo
Heyco.
2018 HEYCO-2018 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
2018 ADAFRUIT-2018 Datasheet
177Kb / 1P
Mini Solderless Breadboard - 2x8 Points
7-3-17
logo
Bourns Electronic Solut...
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results

Similar Description - 20186

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT28521 ETC1-UT28521 Datasheet
30Kb / 1P
SO-Interface Transformer
logo
Bourns Electronic Solut...
PT66004 BOURNS-PT66004 Datasheet
132Kb / 1P
ISDN S-Interface Transformer
logo
TALEMA Group. LLC
HVM-100C1-502 TALEMA-HVM-100C1-502 Datasheet
33Kb / 1P
ISDN SO DIL Interface Modules
ISJ-100B TALEMA-ISJ-100B Datasheet
34Kb / 1P
ISDN - SO Miniature Interface Transformer
MUJ-100A TALEMA-MUJ-100A Datasheet
127Kb / 2P
ISDN SO Miniature SMD Interface Modules
logo
PCA ELECTRONICS INC.
EPA4227G-LF PCA-EPA4227G-LF Datasheet
15Kb / 1P
So Interface Transformer
logo
Bothhand USA, LP.
S5015 BOTHHAND-S5015 Datasheet
72Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5016H-3 BOTHHAND-S5016H-3 Datasheet
70Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5016H BOTHHAND-S5016H Datasheet
70Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5799M BOTHHAND-S5799M Datasheet
28Kb / 1P
ISDN S-INTERFACE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com