Electronic Components Datasheet Search
  English  ▼

X  

SWJ-100B Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # SWJ-100B
Description  ISDN - SO SMD Single Interface Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

SWJ-100B Datasheet(HTML) 1 Page - TALEMA Group. LLC

  SWJ-100B Datasheet HTML 1Page - TALEMA Group. LLC SWJ-100B Datasheet HTML 2Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 375-48 666 • Czech Rep: Int.+420 19-744 9303 • India: Int.+91 427-387 492
http://www.talema-nuvotem.com
Features
•
designed for optimum compatability with all established
interface IC’s
•
excellent and consistent balance between windings
•
compact sizes in through-hole and surface mount packages
•
complies fully with CCITT.I.430 recommendations and
corresponding national standards for S-Interface
•
manufactured in ISO-9001 approved Talema facility
•
operating temperature: 0 to 70°C
Electrical Specifications @ 25°C
Turns Ratio: Bold = IC side windings
S
t
n
u
o
M
e
c
a
f
r
u
S
o
s
r
e
m
r
o
f
s
n
a
r
T
e
c
a
f
r
e
t
n
I
r
e
b
m
u
N
t
r
a
P
LP
)
n
i
m
H
m
(
s
n
r
u
T
o
i
t
a
R
LL
)
H
µ
(
I
^ C
D
)
A
m
(
CC
)
x
a
M
F
p
(
R U
C P
)
s
m
h
O
(
R U
C S
)
s
m
h
O
(
VP
)
s
m
r
V
(
c
i
t
a
m
e
h
c
S
0
5
4
1
L
U
d
n
a
0
5
9
1
L
U
,
0
5
9
0
6
N
E
l
e
v
e
L
n
o
i
t
a
l
u
s
n
I
c
i
s
a
B
h
t
i
w
y
l
p
m
o
c
s
e
i
r
e
S
D
M
S
J
W
S
&
J
M
S
B
0
0
1
-
J
M
S0
3:
1
:
1
1
:
1
54
0
0
15
6
,
17
,
10
0
5
1B
B
0
3
1
-
J
M
S0
3:
1
:
1
5
,
2
:
5
,
2
54
0
0
15
6
,
14
,
40
0
5
1B
B
0
4
1
-
J
M
S0
3:
1
:
1
2
:
2
54
0
0
15
6
,
14
,
30
0
5
1B
B
0
0
1
-
J
W
S0
3:
1
/
1
1
/
1
0
15
0
5
17
,
10
,
20
0
5
1B
B
0
3
1
-
J
W
S0
3:
1
/
1
5
,
2
/
5
,
2
0
15
0
5
17
,
16
,
40
0
5
1B
B
0
4
1
-
J
W
S0
3:
1
/
1
2
/
2
0
15
0
5
17
,
10
,
40
0
5
1B
*
*
0
5
9
1
L
U
d
n
a
0
5
9
0
6
N
E
l
e
v
e
L
n
o
i
t
a
l
u
s
n
I
d
e
c
r
o
f
n
i
e
R
h
t
i
w
y
l
p
m
o
c
s
r
e
m
r
o
f
s
n
a
r
T
e
c
a
f
r
e
t
n
I
s
e
i
r
e
S
J
H
S
B
0
0
2
-
J
H
S0
3:
1
:
1
1
:
1
0
155
47
,
19
,
10
0
0
3B
A
0
2
2
-
J
H
S0
3:
1
:
1
4
0
155
47
,
17
,
30
0
0
3A
B
0
3
2
-
J
H
S0
3:
1
:
1
5
,
2
:
5
,
2
0
155
47
,
17
,
40
0
0
3B
B
0
4
2
-
J
H
S0
3:
1
:
1
2
:
2
0
155
47
.
17
,
30
0
0
3B
SMJ
Schematic
B
Surface Coplanarity will be 0.004(0.10)
ISDN - S
O SMD Single Interface Transformers
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Test Conditions:
Inductance and coupling capcitance: 10kHz, 100mV
Leakage Inductance: 100kHz, 100mV
Standard Packaging: Tape and Reel
0° - 8°
0.339
(8.60)
0.291
(7.40)
0.020 x 0.12
(0.50 x 0.30)
0.433
(11.00)
0.100
(2.54)
0.300
(7.62)
0.472
(12.00)
0.551
(14.00)
TALEMA IN
WK/YR
Part Number
0.102
(2.60)
0.047
(1.20)
0.590
(15.00)
0.300
(7.62)
Suggested Pad
Layout
** S
O Transformer modules comply with Reinforced Insulation Level EN60950:1992/A4: 1997, para. 2.9.4.4 when tested in accordance with 6.4.1
8
7
6
5
1
2
3
4
IC
Line
USA: AlfaMag Electronics LLC | 945 Parkwood | PO Box 668 | Rolla, MO 65402
Phone: 1-800-413-6693 FAX: 1-364-5390 EMail: support@alfamag.com
http://www.alfamag.com
(07-03)


Similar Part No. - SWJ-100B

ManufacturerPart #DatasheetDescription
logo
Eravant
SWJ-10-L1 ERAVANT-SWJ-10-L1 Datasheet
665Kb / 4P
DPDT Motorized Latching Switch with TTL Driver, WR-10, E-Plane
Rev 1.1
SWJ-10-LM1 ERAVANT-SWJ-10-LM1 Datasheet
670Kb / 4P
DPDT Motorized Latching Switch with TTL Driver, Manual Override, WR-10, E-Plane
Rev 1.1
SWJ-10-M1 ERAVANT-SWJ-10-M1 Datasheet
561Kb / 3P
Manual Waveguide Switch, W-Band, E-Plane
Rev 1.0
SWJ-10-T1 ERAVANT-SWJ-10-T1 Datasheet
711Kb / 4P
DPDT Motorized Switch with TTL Driver, WR-10, E-Plane
Rev 1.2
More results

Similar Description - SWJ-100B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
ISDN S -Interface Transformers
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
ISDN S -Interface Transformers
logo
TALEMA Group. LLC
ISF-100B1 TALEMA-ISF-100B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
MUJ-100A TALEMA-MUJ-100A Datasheet
127Kb / 2P
ISDN SO Miniature SMD Interface Modules
MSJ-400A TALEMA-MSJ-400A Datasheet
32Kb / 1P
ISDN SO Compact SMD Interface Modules
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
ISDN S-Interface Transformers
3/24/94
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
ISDN S-Interface Transformers
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/27/98
logo
Premier Magnetics, Inc.
PM-IS42 PMI-PM-IS42 Datasheet
54Kb / 1P
ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
ISDN-S Interface Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com