Electronic Components Datasheet Search
  English  ▼

X  

TC57 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # TC57
Description  Axial Leaded Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TC57 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  TC57 Datasheet HTML 1Page - Cornell Dubilier Electronics TC57 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type TC Axial Leaded Aluminum Electrolytic Capacitors
85 ºC, High Ripple, General Purpose Capacitor
Type TC is an axial leaded, 85 ºC, 1000 hour long life
general purpose aluminum electrolytic capacitor with a
high ripple current rating and is suitable for consumer
electronic equipment applications.
Highlights
General purpose
High ripple current
Low profile mounting
•
•
•
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Ripple Current Multipliers:
1.0 to 5,000 µF
16 to 450 WVdc
Dia.< .625, ±20%
Dia.≥ .625
16 to 150 WVdc, –10 +75%
250 to 450 WVdc, –10 +50%
–40 ºC to 85 ºC
Apply WVdc for 1,000 h at 85 ºC
Capacitance change ≤15% from initial limits
DC leakage current meets initial limits
ESR ≤150% of initial measured value
•
•
•
Outline Drawing
I = 6 √CV after 5 minutes
Not to exceed 3 mA @ 25 ºC
I = leakage current in µA
C = Capacitance in µF
V = Rated voltage
Rated
Ripple Multipliers
WVdc
60 Hz
400 Hz
1000 Hz 2400 Hz
0 to 50
0.8
1.05
1.10
1.14
51 to 150
0.8
1.08
1.13
1.16
151 & up
0.8
1.15
1.21
1.25
Ambient Temp.
+45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
Ripple Multiplier
2.2
2.0
1.7
1.4
1.0
QA Stability Test:
Parts are supplied with PVC insulating sleeve.
Add .010” to diameter and .125” max to length to
allow for insulation.


Similar Part No. - TC57

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC57 MICROCHIP-TC57 Datasheet
462Kb / 16P
Line Regulator Controller
2002
logo
Toshiba Semiconductor
TC571000D TOSHIBA-TC571000D Datasheet
453Kb / 12P
TC571000D
TC571000D-15 TOSHIBA-TC571000D-15 Datasheet
453Kb / 12P
TC571000D
TC571000D-20 TOSHIBA-TC571000D-20 Datasheet
453Kb / 12P
TC571000D
TC571000D-200 TOSHIBA-TC571000D-200 Datasheet
453Kb / 12P
TC571000D
More results

Similar Description - TC57

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
TCG252U010L1C CDE-TCG252U010L1C Datasheet
167Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
Axial Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Kemet Corporation
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG124 KEMET-PEG124 Datasheet
572Kb / 11P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG225 KEMET-PEG225 Datasheet
501Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227_V01 Datasheet
1Mb / 8P
Axial Aluminum Electrolytic Capacitors
1/19/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com