Electronic Components Datasheet Search
  English  ▼

X  

STD3NC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3NC60
Description  N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3NC60 Datasheet HTML 1Page - STMicroelectronics STD3NC60 Datasheet HTML 2Page - STMicroelectronics STD3NC60 Datasheet HTML 3Page - STMicroelectronics STD3NC60 Datasheet HTML 4Page - STMicroelectronics STD3NC60 Datasheet HTML 5Page - STMicroelectronics STD3NC60 Datasheet HTML 6Page - STMicroelectronics STD3NC60 Datasheet HTML 7Page - STMicroelectronics STD3NC60 Datasheet HTML 8Page - STMicroelectronics STD3NC60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2002
STD3NC60
STD3NC60-1
N-CHANNEL 600V - 1.8
Ω - 3.2A DPAK / IPAK
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 1.8Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL (SMD PACKAGE)
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVERS
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤3.2A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
TYPE
VDSS
RDS(on)
ID
STD3NC60
STD3NC60-1
600V
600V
<2.2
Ω
<2.2
Ω
3.2A
3.2A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
3.2
A
ID
Drain Current (continuos) at TC = 100°C
2A
IDM ( )
Drain Current (pulsed)
12.8
A
PTOT
Total Dissipation at TC = 25°C
50
W
Derating Factor
0.4
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
3
2
1
1
3
DPAK
IPAK
(Suffix”-1”)
No Suffix
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD3NC60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD3NC60-1 VBSEMI-STD3NC60-1 Datasheet
1Mb / 9P
N-Channel 650V (D-S)Power MOSFET
STD3NC60T4 VBSEMI-STD3NC60T4 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD3NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET
Oct-2001
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STD1HNC60 STMICROELECTRONICS-STD1HNC60 Datasheet
268Kb / 9P
N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh™ I MOSFET
Feb-2001
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH™ I MOSFET
Feb-2001
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh™ II MOSFET
Jan-2001
STD3NB30 STMICROELECTRONICS-STD3NB30 Datasheet
85Kb / 8P
N - CHANNEL 300V - 1.8ohm - 3.2A - DPAK PowerMESH MOSFET
Jan-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com