Electronic Components Datasheet Search
  English  ▼

X  

TC795 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # TC795
Description  Axial Leaded Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TC795 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  TC795 Datasheet HTML 1Page - Cornell Dubilier Electronics TC795 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type TC Axial Leaded Aluminum Electrolytic Capacitors
Ratings
Max ESR
Max Ripple
Size
120 Hz
120 Hz
Diameter
Length
Lead
Cap
Catalog
25 ºC
85 ºC
D
L
Wire
(µF)
Part Number
(Ω)
(A)
(Inches)
(Inches)
(d)
16 WVdc ( 20 Vdc Surge )
3,000
TC1530
0.11
2.066
0.875
1.625
0.040
4,000
TC1540
0.08
2.518
0.875
1.875
0.040
4,000
TC1540A
0.07
1.450
0.866
1.575
0.023
5,000
TC1550
0.07
3.217
0.875
2.625
0.040
25 WVdc ( 30 Vdc Surge )
470
TC2505A
0.38
0.550
0.394
0.787
0.023
1,500
TC2515
0.14
1.881
0.750
2.125
0.040
1,500
TC2515A
0.12
1.225
0.709
1.575
0.023
2,000
TC2520
0.11
2.204
0.875
1.875
0.040
2,000
TC2520A
0.09
1.350
0.866
1.575
0.023
3,000
TC2530
0.07
3.108
0.875
2.625
0.040
4,000
TC2540
0.06
3.779
1.000
2.625
0.040
4,000
TC2540A
0.07
1.450
0.866
1.575
0.023
5,000
TC2550
0.05
4.136
1.000
2.625
0.040
50 WVdc ( 65 Vdc Surge )
22
TC36A
6.09
0.073
0.236
0.630
0.023
47
TC39A
3.14
0.130
0.315
0.630
0.023
1,000
TC50100
0.08
2.949
0.875
2.625
0.040
1,000
TC50100A
0.12
1.447
0.866
1.575
0.023
1,500
TC50150
0.07
3.423
1.000
2.625
0.040
2,000
TC50200
0.07
3.448
1.000
2.625
0.040
2,000
TC50200A
0.09
1.350
0.866
1.575
0.023
3,000
TC50300
0.05
4.766
1.000
3.625
0.040
5,000
TC50500
0.03
5.820
1.000
3.625
0.040
5,000
TC50500A
0.56
3.305
0.866
1.575
0.023
75 WVdc ( 95 Vdc Surge )
100
TC75101
0.77
0.597
0.625
1.375
0.040
100
TC75101A
2.66
0.270
0.512
1.181
0.023
250
TC75251
0.37
1.024
0.750
1.625
0.040
500
TC75501
0.19
1.765
0.875
2.125
0.040
1,000
TC75102
0.10
2.344
1.000
1.625
0.040
2,000
TC75202
0.05
3.991
1.000
2.625
0.040
100 WVdc ( 125 Vdc Surge )
100
TC10101
0.36
0.974
0.750
1.375
0.040
100
TC10101A
3.32
0.419
0.630
1.299
0.023
150
TC10151
0.24
1.276
0.750
1.625
0.040
150
TC10151A
1.34
0.823
0.709
1.575
0.023
250
TC10251
0.15
1.885
0.875
1.875
0.040
500
TC10501
0.08
3.251
1.000
2.625
0.040
1,000
TC10102
0.08
3.918
1.000
3.875
0.040
1,000
TC10102A
0.12
1.447
0.866
1.575
0.023
1,500
TC10152
0.06
4.495
1.000
3.625
0.040
150 WVdc ( 175 Vdc Surge )
80
TC492
1.96
0.670
0.750
1.625
0.040
100
TC493
0.70
0.748
0.750
1.625
0.040
100
TC493A
3.32
0.555
0.709
1.575
0.023
150
TC495
0.47
0.993
0.875
1.625
0.040
200
TC496
0.35
1.293
0.875
2.125
0.040
300
TC499
0.24
1.687
1.000
2.125
0.040
500
TC4990
0.15
2.362
1.000
2.625
0.040
250 WVdc ( 300 Vdc Surge )
5
TC50XA
70.60
0.060
0.394
0.787
0.023
8
TC51
15.27
0.197
0.625
1.125
0.032
10
TC52
12.22
0.220
0.625
1.125
0.032
10
TC52A
33.20
0.890
0.394
0.984
0.023
12
TC53
8.65
0.262
0.625
1.125
0.032
16
TC54
7.64
0.304
0.625
1.375
0.032
Max ESR
Max Ripple
Size
120 Hz
120 Hz
Diameter
Length
Lead
Cap
Catalog
25 ºC
85 ºC
D
L
Wire
(µF)
Part Number
(Ω)
(A)
(Inches)
(Inches)
(d)
250 WVdc ( 300 Vdc Surge )
20
TC55
6.13
0.345
0.750
1.125
0.040
20
TC55A
15.10
0.175
0.512
1.181
0.023
30
TC57
4.09
0.461
0.750
1.375
0.040
30
TC57A
10.10
0.241
0.630
1.181
0.023
40
TC58
2.69
0.573
0.750
1.625
0.040
40
TC58A
8.58
0.280
0.630
1.299
0.023
50
TC59
2.15
0.640
0.750
1.625
0.040
50
TC59A
7.06
0.318
0.630
1.299
0.023
100
TC1265
1.08
1.220
0.875
2.625
0.040
100
TC1265A
3.32
0.555
0.866
1.575
0.023
160
TC1266
0.30
1.649
1.000
2.625
0.040
225
TC1267
0.22
2.105
1.000
3.125
0.040
300 WVdc ( 350 Vdc Surge )
150
TC593
0.36
1.624
1.000
3.125
0.040
200
TC594
0.28
1.865
1.000
3.125
0.040
350 WVdc ( 400 Vdc Surge )
5
TC60
30.48
0.139
0.625
1.125
0.032
8
TC61
19.05
0.193
0.625
1.375
0.032
8
TC61A
33.20
0.089
0.512
0.827
0.023
10
TC62
15.25
0.215
0.625
1.375
0.032
10
TC62A
33.20
0.089
0.512
0.827
0.023
12
TC63
12.71
0.239
0.750
1.125
0.040
16
TC64
9.54
0.302
0.750
1.375
0.040
20
TC65
7.63
0.337
0.750
1.375
0.040
20
TC65A
15.10
0.175
0.512
1.181
0.023
40
TC67
3.96
0.514
0.875
1.625
0.040
60
TC68
2.78
0.691
0.875
2.125
0.040
60
TC68A
6.44
0.376
0.709
1.575
0.023
100
TC69
1.35
1.093
0.875
2.625
0.040
100
TC69A
3.32
0.555
0.866
1.575
0.023
150
TC692
0.96
1.495
1.000
3.625
0.040
450 WVdc ( 525 Vdc Surge )
2
TC695
86.91
0.082
0.625
1.125
0.032
2
TC695A
151.00
0.030
0.315
0.787
0.023
4
TC697
43.47
0.116
0.625
1.125
0.032
4
TC697A
70.60
0.051
0.394
0.984
0.023
5
TC70
35.86
0.144
0.750
1.125
0.040
5
TC70A
70.60
0.051
0.394
0.984
0.023
8
TC71
21.74
0.183
0.750
1.125
0.040
8
TC71A
33.20
0.089
0.512
0.827
0.023
10
TC72
17.39
0.243
0.875
1.375
0.040
10
TC72A
33.20
0.089
0.512
0.827
0.023
12
TC73
14.50
0.267
0.875
1.375
0.040
16
TC74
10.88
0.304
0.750
1.625
0.040
16
TC74A
24.15
0.140
0.512
0.984
0.023
20
TC75
8.71
0.371
0.875
1.625
0.040
20
TC75A
15.10
0.175
0.512
1.181
0.023
30
TC77
5.82
0.488
1.000
1.625
0.040
30
TC77A
10.10
0.241
0.630
1.181
0.023
40
TC78
4.36
0.653
1.000
2.125
0.040
40
TC78A
8.58
0.280
0.630
1.299
0.023
50
TC79
3.06
0.709
1.000
2.125
0.040
50
TC79A
7.06
0.318
0.630
1.299
0.023
60
TC795
2.55
0.855
1.000
2.625
0.040
80
TC80
2.19
1.068
1.000
3.125
0.040
80
TC80A
3.32
0.555
0.866
1.575
0.023
100
TC807
1.97
1.178
1.000
3.125
0.040
100
TC807A
3.32
0.555
0.866
1.575
0.023



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com