Electronic Components Datasheet Search
  English  ▼

X  

CHA2291 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA2291
Description  10-18GHz Low Noise, Variable Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2291 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA2291 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10-18GHz LNA VGA
CHA2291
Ref. : DSCHA22917165 - 14 Jun 07
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
To V5 DC drain supply feed
To Vd2,3,4 DC drain supply feed
To Vg1 DC gate supply feed
To Vg2,3,4 DC gate supply feed
To Vc DC supply feed
120pF
120pF
120pF
120pF
120pF
RF IN
RF OUT
Note:
Supply feed should be capacitively bypassed. 25µm diameter gold wire is recommended
Bond Pad: 100 x 100 µm
Bonding pad positions
( Chip thickness : 100µm. All dimensions are in micrometers )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com