Electronic Components Datasheet Search
  English  ▼

X  

E18 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E18
Description  Thermal Cutouts Temperature Protection for Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E18 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E18 Datasheet HTML 1Page - List of Unclassifed Manufacturers E18 Datasheet HTML 2Page - List of Unclassifed Manufacturers E18 Datasheet HTML 3Page - List of Unclassifed Manufacturers E18 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type
E 05 / E23
E 15 / E 16
E 11 / E 18 / E 21 / E 22 / E 26
Voltage rating* 50 – 60 Hz*
250 V
250 V
250 V
Current rating cos
ϕ = 1,0*
2.0 A
2.0 A
6.3 A
Current rating cos
ϕ = 0,6*
1.2 A
1.6 A
4.0 A
Max. load
at cos
ϕ = 1,0
without damage
250 V AC
3.0 A
6.3 A
10.0 A
110 V AC
3.5 A
8.0 A
12.0 A
60 V DC
0.6 A
1.0 A
3.0 A
42 V DC
0.8 A
1.2 A
4.2 A
6/12/24 V DC
1.0 A
1.5 A
5.5 A
Contact arrangement
Switching operations
at rated current*
Test Class I
Test Class I
Test Class I
Contact resistance
< 60 m
Ω
< 60 m
Ω
< 60 m
Ω
Dielectric strength
across open contacts
650 Veff 50 Hz
1500 Veff 50 Hz
1000 Veff 50 Hz
from +80 °C to
from +50 °C to
from +50 °C to
Response temperature range
+150 °C
+150 °C
+150 °C
(353 to 423 K)
(323 to 423 K)
(323 to 423 K)
Standard tolerance
±3 K ±5 K ±10 K
±3 K ±5 K ±10 K
±3 K ±5 K ±10 K
Dielectric strength
P 300
500 V eff 50/60 Hz
housing to earth
P 301 1000 V eff 50/60 Hz
P 302 2000 V eff 50/60 Hz
P 303 2500 V eff 50/60 Hz
P 304 4000 V eff 50/60 Hz
Max. continuous temperature
150 °C
Possible acceleration
3 g (vibration proof)
Protection
sealed against external elements e. g. dust oil, lacquer, resin et
Connections
Leads
Leads
Leads
standard
0,25 mm2 (AWG 24)
T 11 normally closed 0.5 mm2 (AWG 22), yellow
0,6 mm2 (AWG 22)
black
T 10 normally open 0.25 mm2 (AWG 24), black
yellow
Switch element
F 11
normally closed T 11 / normally open T 10
B11
TECHNICAL DATA
Note: *Approved ratings – Other values on request.
RESPONSE TEMPERATURES
When selecting the response temperature, the hea-
ting and cooling characteristics of the housing
should be considered. Temperature testing is carried
out with a rate of rise 0.1 °C/min.
For cutout types E 05, E 11 and E 18 with response
temperatures under 71 °C, the published electrical
loading should be reduced by upto 50 %, as these
types are current sensitive.
Close tolerances on the response temperature or
reset temperature, as well as smaller differentials
are all possible on request.
Reset differential as standard is between 10 °C and
50 °C. Minimum rate of temperature change 0.1
K/min.
APPLICATIONS
Temperature monitoring, control and signalling in
electronic and electrical equipment.
Examples:
Electronic components such as transistors,
thyristors, diodes, triacs
Power resistors
Heat sinks
Printed circuits
Amplifiers
Projectors
Electrical machinery and apparatus
Generating sets
Heat exchangers
Plastic and metal housings
INSTALLATION HINTS
It is important to ensure good heat transfer to the cu-
tout: it should be placed directly onto the heat sour-
ce.
Housings are voltage-free (except G 800) and can
be installed without additional insulation.
The cutouts can be attached to metal surfaces or
housings and, depending on the exact version, can
be screwed, clipped, clamed or soldered on.
G 800 version can be positioned direct onto a circuit
board.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com