Electronic Components Datasheet Search
  English  ▼

X  

STD4NA40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD4NA40
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NA40 Datasheet(HTML) 1 Page - STMicroelectronics

  STD4NA40 Datasheet HTML 1Page - STMicroelectronics STD4NA40 Datasheet HTML 2Page - STMicroelectronics STD4NA40 Datasheet HTML 3Page - STMicroelectronics STD4NA40 Datasheet HTML 4Page - STMicroelectronics STD4NA40 Datasheet HTML 5Page - STMicroelectronics STD4NA40 Datasheet HTML 6Page - STMicroelectronics STD4NA40 Datasheet HTML 7Page - STMicroelectronics STD4NA40 Datasheet HTML 8Page - STMicroelectronics STD4NA40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STD4NA40
N - CHANNEL ENHANCEMENT MODE
FAST POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 1.7
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX ”-1”)
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
APPLICATIONS
s
HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
INDUSTRIAL ACTUATORS
s
DC-DC & DC-AC CONVERTERS FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
s
PARTICULARLY SUITABLE FOR
ELECTRONIC FLUORESCENT LAMP
BALLASTS
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
STD4NA40
400 V
< 2
Ω
3.3 A
November 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Voltage (VGS = 0)
400
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)
400
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at T c =25
oC3.3
A
ID
Drain Current (cont inuous) at T c =100
oC2.1
A
IDM(
•)
Drain Current (pulsed)
13.2
A
Ptot
Total Dissipation at Tc =25
oC50
W
Derating Factor
0.4
W/
oC
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
3
2
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
1/10


Similar Part No. - STD4NA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD4N25 STMICROELECTRONICS-STD4N25 Datasheet
142Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Dec-1996
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
19-Feb-2013
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 2P
N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
19-Feb-2013
logo
VBsemi Electronics Co.,...
STD4N52K3 VBSEMI-STD4N52K3 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD4NA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Jan-1998
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov 1996
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1997
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com