Electronic Components Datasheet Search
  English  ▼

X  

STD4NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD4NC50
Description  N - CHANNEL 500V - 1.3 ohm - 3.7 A TO-251 PowerMESH MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STD4NC50 Datasheet HTML 1Page - STMicroelectronics STD4NC50 Datasheet HTML 2Page - STMicroelectronics STD4NC50 Datasheet HTML 3Page - STMicroelectronics STD4NC50 Datasheet HTML 4Page - STMicroelectronics STD4NC50 Datasheet HTML 5Page - STMicroelectronics STD4NC50 Datasheet HTML 6Page - STMicroelectronics STD4NC50 Datasheet HTML 7Page - STMicroelectronics STD4NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STD4NC50
N - CHANNEL 500V - 1.3
Ω - 3.7 A TO-251
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.3
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout
refinements
introduced
greatly
improve
the
Ron*area figure of merit while keeping the device
at the leading edge for what concerns switching
speed, gate charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
G ate-source Volt age
± 30
V
ID
Drain Current (continuous) at Tc =25
oC3.7
A
ID
Drain Current (continuous) at Tc =100
oC2.3
A
IDM (
•)
Drain Current (pulsed)
14.8
A
Ptot
T otal Dissipat ion at Tc =25
oC50
W
Derating Factor
0.4
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤3.7 A, di/dt ≤ 100 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST D4NC50
500 V
< 1.5
Ω
3.7 A
3
2
1
IPAK
TO-251
(Suffix ”-1”)
September 1999
1/8


Similar Part No. - STD4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NC50 STMICROELECTRONICS-STD4NC50 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STD4NC50-1 STMICROELECTRONICS-STD4NC50-1 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
More results

Similar Description - STD4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STY34NB50 STMICROELECTRONICS-STY34NB50 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Jun-1998
STY34NB50F STMICROELECTRONICS-STY34NB50F Datasheet
87Kb / 8P
N - CHANNEL 500V - 0.11ohm - 34 A - Max247 PowerMESH MOSFET
Dec-1999
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
N-CHANNEL 500V - 1.3Ω- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com