Electronic Components Datasheet Search
  English  ▼

X  

V58C2128 Datasheet(PDF) 39 Page - Mosel Vitelic, Corp

Part # V58C2128
Description  HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C2128 Datasheet(HTML) 39 Page - Mosel Vitelic, Corp

Back Button V58C2128 Datasheet HTML 35Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 36Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 37Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 38Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 39Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 40Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 41Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 42Page - Mosel Vitelic, Corp V58C2128 Datasheet HTML 43Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
39
MOSEL VITELIC
V58C2128(804/404/164)S
V58C2128(804/404/164)S Rev. 1.6 March 2002
NOTES: (continued)
4. AC timing and IDD tests may use a VIL-to-VIH swing of up to 1.5V in the test environment, but input
timing is still referenced to VREF (or to the crossing point for CK/CK), and parameter specifications
are guaranteed for the specified AC input levels under normal use conditions. The minimum slew rate
for the input signals used to test the device is 1V/ns in the range between VIL(AC) and VIH(AC).
5. The AC and DC input level specifications are as defined in the SSTL_2 Standard (i.e., the receiver will
effectively switch as a result of the signal crossing the AC input level, and will remain in that state as long
as the signal does not ring back above [below] the DC input LOW [HIGH] level).
6. VREF is expected to equal VDDQ/2 of the transmit-ting device and to track variations in the DC level
of the same. Peak-to-peak noise (non-common mode) on VREF may not exceed ±2 percent of the DC value.
Thus, from VDDQ/2, VREF is allowed ±25mV for DC error and an additional ±25mV for AC noise.
7. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected
to be set equal to VREF and must track variations in the DC level of VREF.
8. VID is the magnitude of the difference between the input level on CK and the input level on CK.
9. The value of VIX is expected to equal VDDQ/2 of the transmitting device and must track varia-tions in the
DC level of the same.
10. IDD is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle
time at CL = 2 for -6, -7 and -8, CL = 2.5 for -75 with the outputs open.
11. Enables on-chip refresh and address counters.
12. IDD specifications are tested after the device is properly initialized, and is averaged at the defined cycle rate.
13. This parameter is sampled. VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V, VREF = VSS, f = 100 MHz, T A = 25°C,
VOUT(DC) = VDDQ/2, VOUT (peak to peak) = 0.2V. DM input is grouped with I/O pins, reflecting the fact that they
are matched in loading.
14. Command/Address input slew rate = 0.5V/ns. For -6, -7 and -75 with slew rates 1V/ns and faster, tIS and tIH are
reduced to 900ps. If the slew rate is less than 0.5V/ns, timing must be derated: tIS has an additional 50ps per each
100mV/ns reduction in slew rate from the 500mV/ns. tIH has 0ps added, that is, it remains constant. If the slew rate
exceeds 4.5V/ns, functionality is uncertain.
15. The CK/CK input reference level (for timing referenced to CK/CK) is the point at which CK and CK cross; the input
reference level for signals other than CK/CK is VREF.
16. Inputs are not recognized as valid until VREF stabilizes. Exception: during the period before VREF stabilizes,
CKE •0.3 x VDDQ is recognized as LOW.
17. The output timing reference level, as measured at the timing reference point indicated in Note 3, is VTT.
18. tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters
are not referenced to a specific voltage level, but specify when the device output is no longer driving (HZ) or begins
driving (LZ).
19. The maximum limit for this parameter is not a device limit. The device will operate with a greater value for this
parameter, but system performance (bus turnaround) will degrade accordingly.
20. This is not a device limit. The device will operate with a negative value, but system performance could be
degraded due to bus turnaround.
21. It is recommended that DQS be valid (HIGH or LOW) on or before the WRITE command. The case shown (DQS
going from High-Z to logic LOW) applies when no WRITEs were previously in progress on the bus. If a previous
WRITE was in progress, DQS could be HIGH during this time, depending on tDQSS.
22. MIN (tRC or tRFC) for IDD measurements is the smallest multiple of tCK that meets the minimum absolute value
for the respective parameter. tRAS (MAX) for IDD measurements is the largest multiple of tCK that
meets the maximum absolute value for tRAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com