Electronic Components Datasheet Search
  English  ▼

X  

STD5NB20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD5NB20
Description  N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NB20 Datasheet(HTML) 1 Page - STMicroelectronics

  STD5NB20 Datasheet HTML 1Page - STMicroelectronics STD5NB20 Datasheet HTML 2Page - STMicroelectronics STD5NB20 Datasheet HTML 3Page - STMicroelectronics STD5NB20 Datasheet HTML 4Page - STMicroelectronics STD5NB20 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STD5NB20
N - CHANNEL 200V - 0.70
Ω - 5A DPAK
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) =0.7
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
FOR TROUGH-HOLE VERSION CONTACT
SALES OFFICE
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced
family
of
power
MOSFETs
with
outstanding
performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH EFFICIENCY DC-DC CONVERTERS
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
December 1998
1
3
DPAK
TO-252
(Suffix "T4")
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
200
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
o C5
A
ID
Drain Current (continuous) at Tc = 100
oC3
A
IDM(
•)
Drain Current (pulsed)
20
A
Ptot
Total Dissipation at Tc = 25
oC45
W
Derating Factor
0.36
W/
o C
dv/dt(1)
Peak Diode Recovery voltage slope
5.5
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
(1) ISD
≤5A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STD5NB20
200 V
< 0.8
Ω
5 A
1/5


Similar Part No. - STD5NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NB30 STMICROELECTRONICS-STD5NB30 Datasheet
92Kb / 9P
N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET
Aug-1999
More results

Similar Description - STD5NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
Feb-2000
STD5NB30 STMICROELECTRONICS-STD5NB30 Datasheet
92Kb / 9P
N - CHANNEL 300V - 0.75 ohm - 5A - DPAK PowerMESH MOSFET
Aug-1999
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
May-2000
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh™ I MOSFET
Mar-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
logo
Intersil Corporation
JANSR2N7396 INTERSIL-JANSR2N7396 Datasheet
44Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
20-Sep-2004
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com