Electronic Components Datasheet Search
  English  ▼

X  

330R100U100JS2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 330R100U100JS2
Description  -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

330R100U100JS2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  330R100U100JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 330R100U100JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 330R100U100JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 330R100U100JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 330R100U100JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
ESR Max.
25 ºC
120 Hz
20 kHz
Ripple Amps,
Max. 85 ºC
120 Hz
20 kHz
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog
Part Number
(mΩ)
(mΩ)
(A)
(A)
16 Vdc (25 Vdc Surge) (cont'd.)
15000 330R153U016JP2
16.1
8.5
9.14
11.80
1.02 X 2.65
18000 330183U016JS2
20.5
12.7
8.80
10.50
1.02 X 3.15
18000 330R183U016JS2
16.6
8.8
9.79
12.70
1.02 X 3.15
22000 330223U016JT2
17.9
11.1
10.10
12.10
1.02 X 3.65
22000 330R223U016JT2
11.4
6.0
12.70
16.50
1.02 X 3.65
20 Vdc (30 Vdc Surge)
8200 330822U020GT2
29.2
14.9
6.77
8.94
0.77 X 3.65
8200 330R822U020GT2
25.3
12.9
7.27
9.60
0.77 X 3.65
8200 330822U020HP2
29.5
16.5
6.30
7.93
0.895 X 2.65
8200 330R822U020HP2
21.6
12.1
7.36
9.28
0.895 X 2.65
8200 330822U020JL2
31.8
20.1
5.86
6.96
1.02 X 2.15
8200 330R822U020JL2
21.0
11.1
7.21
9.33
1.02 X 2.15
10000 330103U020HS2
24.4
13.7
7.55
9.52
0.895 X 3.15
10000 330R103U020HS2
17.6
9.8
8.89
11.20
0.895 X 3.15
12000 330123U020HT2
21.1
11.8
8.69
10.90
0.895 X 3.65
12000 330R123U020HT2
15.0
8.4
10.30
13.00
0.895 X 3.65
12000 330123U020JP2
24.7
15.6
7.39
8.77
1.02 X 2.65
12000 330R123U020JP2
16.1
8.5
9.14
11.80
1.02 X 2.65
15000 330153U020JS2
20.5
12.9
8.80
10.50
1.02 X 3.15
15000 330R153U020JS2
13.2
7.0
11.00
14.20
1.02 X 3.15
18000 330183U020JT2
17.9
11.2
10.10
12.00
1.02 X 3.65
18000 330R183U020JT2
11.4
6.0
12.70
16.50
1.02 X 3.65
25 Vdc (35 Vdc Surge)
6800 330682U025GT2
31.2
15.0
6.55
8.91
0.77 X 3.65
6800 330R682U025GT2
27.0
13.0
7.04
9.58
0.77 X 3.65
6800 330682U025HP2
31.3
16.6
6.11
7.91
0.895 X 2.65
6800 330R682U025HP2
23.1
10.9
7.11
9.77
0.895 X 2.65
6800 330682U025JL2
33.5
20.1
5.71
6.94
1.02 X 2.15
6800 330R682U025JL2
22.5
11.3
6.96
9.29
1.02 X 2.15
8200 330822U025HS2
25.8
13.7
7.34
9.50
0.895 X 3.15
8200 330R822U025HS2
18.9
8.9
8.59
11.80
0.895 X 3.15
10000 330103U025HT2
22.3
11.8
8.45
10.90
0.895 X 3.65
10000 330R103U025HT2
16.0
7.5
9.96
13.70
0.895 X 3.65
10000 330103U025JP2
26.0
15.6
7.20
8.77
1.02 X 2.65
10000 330R103U025JP2
17.2
8.6
8.84
11.80
1.02 X 2.65
12000 330123U025JS2
21.6
12.9
8.59
10.50
1.02 X 3.15
12000 330R123U025JS2
14.1
7.1
10.60
14.10
1.02 X 3.15
15000 330153U025JT2
18.7
11.2
9.90
12.10
1.02 X 3.65
15000 330R153U025JT2
12.1
6.0
12.30
16.40
1.02 X 3.65
40 Vdc (60 Vdc Surge)
4700 330472U040GT2
36.4
16.4
6.06
8.52
0.77 X 3.65
4700 330R472U040GT2
31.6
14.2
6.51
9.15
0.77 X 3.65
4700 330472U040HP2
36.2
17.4
5.68
7.73
0.895 X 2.65
4700 330R472U040HP2
27.4
12.0
6.54
9.29
0.895 X 2.65
4700 330472U040JL2
38.1
20.9
5.35
6.81
1.02 X 2.15
4700 330R472U040JL2
26.5
12.2
6.42
8.93
1.02 X 2.15
ESR Max.
25 ºC
120 Hz
20 kHz
Ripple Amps,
Max. 85 ºC
120 Hz
20 kHz
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog
Part Number
(mΩ)
(mΩ)
(A)
(A)
40 Vdc (60 Vdc Surge) (cont'd.)
5600 330562U040HS2
29.7
14.3
6.84
9.31
0.895 X 3.15
5600 330R562U040HS2
22.2
9.8
7.91
11.20
0.895 X 3.15
6800 330682U040HT2
25.5
12.3
7.89
10.70
0.895 X 3.65
6800 330R682U040HT2
18.9
8.3
9.18
13.10
0.895 X 3.65
6800 330682U040JP2
29.4
16.2
6.77
8.61
1.02 X 2.65
6800 330R682U040JP2
20.2
9.3
8.17
11.40
1.02 X 2.65
8200 330822U040JS2
24.3
13.4
8.09
10.30
1.02 X 3.15
8200 330R822U040JS2
16.5
7.6
9.82
13.60
1.02 X 3.15
10000 330103U040JT2
21.0
11.5
9.35
11.90
1.02 X 3.65
10000 330R103U040JT2
14.1
6.5
11.40
15.90
1.02 X 3.65
50 Vdc (75 Vdc Surge)
3300 330332U050GT2
44.3
16.4
5.49
8.52
0.77 X 3.65
3300 330R332U050GT2
38.4
14.2
5.90
9.15
0.77 X 3.65
3300 330332U050HP2
43.5
17.8
5.18
7.63
0.895 X 2.65
3300 330R332U050HP2
33.7
12.1
5.89
9.26
0.895 X 2.65
3900 330392U050JL2
44.9
21.6
4.93
6.71
1.02 X 2.15
3900 330R392U050JL2
32.4
12.6
5.81
8.77
1.02 X 2.15
4700 330472U050HS2
35.6
14.6
6.25
9.21
0.895 X 3.15
4700 330R472U050HS2
27.3
9.8
7.14
11.20
0.895 X 3.15
5600 330562U050HT2
30.4
12.5
7.23
10.60
0.895 X 3.65
5600 330R562U050HT2
23.1
8.3
8.30
13.00
0.895 X 3.65
5600 330562U050JP2
34.5
16.6
6.25
8.50
1.02 X 2.65
5600 330R562U050JP2
24.6
9.6
7.40
11.20
1.02 X 2.65
6800 330682U050JS2
28.4
13.6
7.48
10.20
1.02 X 3.15
6800 330R682U050JS2
20.0
7.8
8.91
13.40
1.02 X 3.15
8200 330822U050JT2
24.4
11.7
8.67
11.80
1.02 X 3.65
8200 330R822U050JT2
17.0
6.6
10.40
15.70
1.02 X 3.65
63 Vdc (90 Vdc Surge)
2200 330222U063GT2
49.6
16.4
5.19
8.53
0.77 X 3.65
2200 330R222U063GT2
43.0
14.2
5.58
9.16
0.77 X 3.65
2700 330272U063HP2
48.4
18.4
4.92
7.52
0.895 X 2.65
2700 330R272U063HP2
37.9
12.5
5.55
9.11
0.895 X 2.65
2700 330272U063JL2
49.5
21.8
4.70
6.68
1.02 X 2.15
2700 330R272U063JL2
36.3
12.7
5.48
8.74
1.02 X 2.15
3300 330332U063HS2
39.5
15.0
5.94
9.08
0.895 X 3.15
3300 330R332U063HS2
30.7
10.1
6.73
11.10
0.895 X 3.15
3900 330392U063HT2
33.7
12.8
6.87
10.50
0.895 X 3.65
3900 330R392U063HT2
25.9
8.5
7.84
12.90
0.895 X 3.65
3900 330392U063JP2
37.9
16.7
5.96
8.47
1.02 X 2.65
3900 330R392U063JP2
27.6
9.7
6.99
11.10
1.02 X 2.65
4700 330472U063JS2
31.1
13.7
7.15
10.20
1.02 X 3.15
4700 330R472U063JS2
22.4
7.8
8.42
13.40
1.02 X 3.15
5600 330562U063JT2
26.7
11.7
8.30
11.80
1.02 X 3.65
5600 330R562U063JT2
19.0
6.6
9.83
15.70
1.02 X 3.65
75 Vdc (100 Vdc Surge)
1800 330182U075GT2
62.7
27.0
4.62
6.64
0.77 X 3.65



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com