Electronic Components Datasheet Search
  English  ▼

X  

ADE7169ASTZF16 Datasheet(PDF) 66 Page - Analog Devices

Part # ADE7169ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE7169ASTZF16 Datasheet HTML 62Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 63Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 64Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 65Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 66Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 67Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 68Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 69Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 66 of 148
the pulsed outputs. When WDIV =0 or 1, the DFC generates a
pulse each time 1 LSB in the energy register is accumulated. An
output pulse is generated when CFxDEN/CFxNUM number of
pulses are generated at the DFC output. Under steady load
conditions, the output frequency is proportional to the active,
reactive, Apparent power or Irms depending on the CFxSEL bit
in the MODE2 register (0x0C).
Both pulse outputs can be enabled or disabled by clearing or
setting respectively bits DISCF1 and DISCF2 in the MODE1
register (0x0B).
Both pulse outputs set a separate flag in the Interrupt Status
Register 2 SFR (MIRQSTM, 0xDD), CF1 and CF2. If CF1 and
CF2 enable bits in the Interrupt Enable Register 2 SFR
(MIRQENM, 0xDA) are set, the 8052 core has a pending ADE
interrupt. The ADE interrupt stays active until the CF1 or CF2
status bits are cleared—see Energy measurement interrupts
section.
Pulse output configuration
The two pulse outputs circuitry have separate configuration bits
in the MODE2 register (0x0C). Setting CFxSEL bits to 0b00,
0b01 or 0b1x configure the DFC to create a pulse output
proportional to Active power, reactive power, or Apparent/Irms
respectively.
The selection between Irms and Apparent power is done by the
VARMSCFCON bit in the MODE2 register (0x0C). With this
selection, CF2 cannot be proportional to apparent power if CF1
is proportional to Irms and vice-versa.
Pulse output characteristic
The pulse output for both DFC stays low for 90ms if the pulse
period is larger than 180ms (5.56Hz). If the pulse period is
smaller than 180ms, the duty cycle of the pulse output is 50%.
The pulse output is active low and should be preferably
connected to an LED as shown on Figure 53.
CF
VDD
Figure 53. CF Pulse output
The maximum output frequency, with ac input signals at full
scale and CFxNUM = 0x00 and CFxDEN = 0x00, is
approximately 21.1 kHz.
The ADE75XX/ADE71XX incorporates two registers,
CFxNUM[15:0] and CFxDEN[15:0] per DFC, to set the CFx
frequency. These are unsigned 16-bit registers, which can be
used to adjust the CFx frequency to a wide range of values.
These frequency-scaling registers are 16-bit registers, which can
scale the output frequency by 1/216 to 1 with a step of 1/216.
If the value 0 is written to any of these registers, the value 1
would be applied to the register. The ratio CFxNUM / CFxDEN
should be smaller than 1 to ensure proper operation. If the ratio
of the registers CFxNUM / CFxDEN is greater than 1, the register
values would be adjusted to a ratio of 1. For example, if the
output frequency is 1.562 kHz while the contents of CFxDEN
are 0 (0x000), then the output frequency can be set to 6.1 Hz by
writing 0xFF to the CFxDEN register.
ENERGY REGISTER SCALING
The ADE75XX/ADE71XX provides measurements of active,
reactive, and apparent energies that use separate paths and
filtering for calculation. The difference in data paths can result
in small differences in LSB weight between active, reactive and
apparent energy registers. These measurements are internally
compensated so the scaling is nearly one to one. The
relationship between the registers is show in Table 43. In Table
44, the relationship between WATTGAIN, VARGAIN and
VAGAIN is given. These relationships can be used for
calibration and simplify the adjustment of VAR and VA gains.
As VAR and VA gains can be deducted from WGAIN, there is
no need to do reactive or apparent gai adjustment.
Table 43. Energy Registers scaling
Line Frequency = 50Hz
Line Frequency = 60Hz
Integrator OFF
VAR = 0.9952 × WATT
VAR = 0.9949 × WATT
VA = 0.9978 × WATT
VA = 1.0015 × WATT
Integrator ON16
VAR = 0.9997 × WATT
VAR = 0.9999 × WATT
VA = 0.9977 × WATT
VA = 1.0015 × WATT
Table 44. Gain compensation adjustments
Line Frequency = 50Hz
Line Frequency = 60Hz
Integrator OFF
VARGAIN = 19.76 +
WGAIN/0.9952
VARGAIN = 21 +
WGAIN/0.9949
VAGAIN = 9.03 +
WGAIN/0.9978
VAGAIN = -60.53 +
WGAIN/1.0015
Integrator ON1
VARGAIN = 1.23 +
VARGAIN = 0.41 +
16 This function is not available in ADE7166 and ADE7566 products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com