Electronic Components Datasheet Search
  English  ▼

X  

STD5NE10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD5NE10
Description  N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NE10 Datasheet(HTML) 1 Page - STMicroelectronics

  STD5NE10 Datasheet HTML 1Page - STMicroelectronics STD5NE10 Datasheet HTML 2Page - STMicroelectronics STD5NE10 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STD5NE10
N - CHANNEL 100V - 0.32
Ω - 5A TO-251/TO-252
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.32
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE TESTED
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
MOTOR CONTROL (DISK DRIVES, etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
May 1999
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Volt age (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
100
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC5
A
ID
Drain Current (continuous) at Tc =100
oC3.5
A
IDM(
•)
Drain Current (pulsed)
20
A
Ptot
Tot al Dissipation at Tc =25
oC25
W
Derating F act or
0.17
W /
oC
dv/ dt(1 )
Peak Diode Recovery voltage slope
0.6
V/ns
Tstg
Storage T emperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 5A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(o n)
ID
STD5NE10
100 V
< 0. 4
Ω
5A
1/9


Similar Part No. - STD5NE10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD5NE10-1 VBSEMI-STD5NE10-1 Datasheet
1Mb / 9P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
More results

Similar Description - STD5NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Jul-1998
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
Feb-1999
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
Mar-1999
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STD5N20 STMICROELECTRONICS-STD5N20 Datasheet
105Kb / 10P
N - CHANNEL 200V - 0.7ohm - 5A - TO-251/TO-252 POWER MOS TRANSISTOR
Mar-1999
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
May-2000
logo
Xian Semipower Electron...
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com