Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 131 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 127Page - ATMEL Corporation AT90USB162 Datasheet HTML 128Page - ATMEL Corporation AT90USB162 Datasheet HTML 129Page - ATMEL Corporation AT90USB162 Datasheet HTML 130Page - ATMEL Corporation AT90USB162 Datasheet HTML 131Page - ATMEL Corporation AT90USB162 Datasheet HTML 132Page - ATMEL Corporation AT90USB162 Datasheet HTML 133Page - ATMEL Corporation AT90USB162 Datasheet HTML 134Page - ATMEL Corporation AT90USB162 Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 306 page
background image
131
7707D–AVR–07/08
AT90USB82/162
Note:
1. The CTCn and PWMn1:0 bit definition names are obsolete. Use the
WGMn2:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
Table 15-4.
Waveform Generation Mode Bit Description(1)
Mo
de
WGM
n3
WGM
n2
(CTCn
)
WGM
n1
(PWM
n1)
WGM
n0
(PWM
n0)
Timer/Counter Mode
of Operation
TOP
Update
of
OCRn
x
at
TOVn
Flag
Set on
0
0000
Normal
0xFFF
F
Immedi
ate
MAX
1
0001
PWM, Phase Correct,
8-bit
0x00F
F
TOP
BOTTO
M
2
0010
PWM, Phase Correct,
9-bit
0x01F
F
TOP
BOTTO
M
3
0011
PWM, Phase Correct,
10-bit
0x03F
F
TOP
BOTTO
M
4
0100
CTC
OCRn
A
Immedi
ate
MAX
5
0101
Fast PWM, 8-bit
0x00F
F
TOP
TOP
6
0110
Fast PWM, 9-bit
0x01F
F
TOP
TOP
7
0111
Fast PWM, 10-bit
0x03F
F
TOP
TOP
8
1000
PWM, Phase and
Frequency Correct
ICRn
BOTTO
M
BOTTO
M
9
1001
PWM, Phase and
Frequency Correct
OCRn
A
BOTTO
M
BOTTO
M
10
1010
PWM, Phase Correct
ICRn
TOP
BOTTO
M
11
1011
PWM, Phase Correct
OCRn
A
TOP
BOTTO
M
12
1100
CTC
ICRn
Immedi
ate
MAX
13
1101
(Reserved)
–
–
–
14
1110
Fast PWM
ICRn
TOP
TOP
15
1111
Fast PWM
OCRn
A
TOP
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com