Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # AT90USB162
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 190Page - ATMEL Corporation AT90USB162 Datasheet HTML 191Page - ATMEL Corporation AT90USB162 Datasheet HTML 192Page - ATMEL Corporation AT90USB162 Datasheet HTML 193Page - ATMEL Corporation AT90USB162 Datasheet HTML 194Page - ATMEL Corporation AT90USB162 Datasheet HTML 195Page - ATMEL Corporation AT90USB162 Datasheet HTML 196Page - ATMEL Corporation AT90USB162 Datasheet HTML 197Page - ATMEL Corporation AT90USB162 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 306 page
background image
194
7707D–AVR–07/08
AT90USB82/162
• 7-0 – DPADD7:0: DPRAM Address Low Bit
DAPDD7:0 is the least significant part of DPADD.
19.9.2
USB/PS2 Software Output Enable register – UPOE
• Bit 7:6 – UPOE[1:0]: USB/PS2 Output enable
Set these bits with the following configuration to enable or disable the USB/PS2 software drive.
UPOE1 - UPOE0
0 - 0 : Direct drive is disabled.
0 - 1 : Reserved
1 - 0 : Direct drive of DP/DM with USB levels (UPDRV[1:0] values)
1 - 1 : Direct drive of DP/DM with PS/2 levels (UPDRV[1:0] values)
• Bit 5:4 – UPDRV[1:0] : USB/PS2 direct drive values
Write in UPDRV1 the value to write on D+/SCK following the UPOE[1:0] configuration.
Write in UPDRV0 the value to write on D-/DATA following the UPOE[1:0] configuration.
• Bit 3 – SCKI : SCK Input value
This bit is set to one by hardware if a ‘1’ is read on SCK (PS/2 pad).
This bit is set to zero by hardware if a ‘0’ is read on SCK (PS/2 pad).
• Bit 2 – DATAI : DATA Input value
This bit is set to one by hardware if a ‘1’ is read on DATA (PS/2 pad).
This bit is set to zero by hardware if a ‘0’ is read on DATA (PS/2 pad).
• Bit 1 – DPI : D+ Input value
This bit is set to one by hardware if a ‘1’ is read on D+ (USB pad).
This bit is set to zero by hardware if a ‘0’ is read on D+ (USB pad).
• Bit 0 – DMI : D- Input value
This bit is set to one by hardware if a ‘1’ is read on D- (USB pad).
This bit is set to zero by hardware if a ‘0’ is read on D- (USB pad).
19.10 USB Software Operating modes
Depending on the USB operating mode, the software should perform some the following
operations:
Power On the USB interface
• Configure PLL interface
• Enable PLL
• Check PLL lock
Bit
7
6
5
4
3210
UPWE1
UPWE0
UPDRV
1
UPDRV
0
SCKI
DATAI
DPI
DMI
UPOE
Read/Write
R/W
R/W
R/W
R/W
RRRR
Initial Value
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com