Electronic Components Datasheet Search
  English  ▼

X  

DR8051 Datasheet(PDF) 6 Page - Digital Core Design

Part # DR8051
Description  High Performance 8-bit Microcontroller ver 3.10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR8051 Datasheet(HTML) 6 Page - Digital Core Design

  DR8051 Datasheet HTML 1Page - Digital Core Design DR8051 Datasheet HTML 2Page - Digital Core Design DR8051 Datasheet HTML 3Page - Digital Core Design DR8051 Datasheet HTML 4Page - Digital Core Design DR8051 Datasheet HTML 5Page - Digital Core Design DR8051 Datasheet HTML 6Page - Digital Core Design DR8051 Datasheet HTML 7Page - Digital Core Design DR8051 Datasheet HTML 8Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
The following tables give a survey about the
Core area and performance in ASICs Devices
(CPU features and peripherals have been in-
cluded):
Device
Optimization
Fmax
0.25u typical
area
100 MHz
0.25u typical
speed
250 MHz
Core performance in ASIC devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and their improvements
are shown in table below. An improvement was
computed as {80C51 clock periods} divided by
{DR8051 clock periods} required to execute an
identical function. More details are available in
core documentation.
Function
Improvement
8-bit addition (immediate data)
7,20
8-bit addition (direct addressing)
6,00
8-bit addition (indirect addressing)
6,00
8-bit addition (register addressing)
7,20
8-bit subtraction (immediate data)
7,20
8-bit subtraction (direct addressing)
6,00
8-bit subtraction (indirect addressing)
6,00
8-bit subtraction (register addressing)
7,20
8-bit multiplication
10,67
8-bit division
9,60
16-bit addition
7,20
16-bit subtraction
7,64
16-bit multiplication
9,75
32-bit addition
7,20
32-bit subtraction
7,43
32-bit multiplication
9,04
Average speed improvement:
7,58
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DR8051 perform-
ance in terms of Dhrystone/sec and VAX MIPS
rating.
Device
Target
Clock
frequency
Dhry/sec
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DR8051
0.25u
250 MHz 40325 (22.951)
Core performance in terms of Dhrystones
268
1550
40325
0
5000
10000
15000
20000
25000
30000
35000
40000
45000
80C51 (12MHz)
80C310 (33MHz)
DR8051 (250MHz)
Area utilized by the each unit of DR8051 core
in vendor specific technologies is summarized
in table below.
Area
Component
[Gates]
[FFs]
CPU*
4900
220
Interrupt Controller
450
40
Power Management Unit
50
5
I/O ports
400
35
Timers
550
50
UART0
650
60
Total area
7000
410
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com