Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT90USB82
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 11Page - ATMEL Corporation AT90USB82 Datasheet HTML 12Page - ATMEL Corporation AT90USB82 Datasheet HTML 13Page - ATMEL Corporation AT90USB82 Datasheet HTML 14Page - ATMEL Corporation AT90USB82 Datasheet HTML 15Page - ATMEL Corporation AT90USB82 Datasheet HTML 16Page - ATMEL Corporation AT90USB82 Datasheet HTML 17Page - ATMEL Corporation AT90USB82 Datasheet HTML 18Page - ATMEL Corporation AT90USB82 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
7618C–AVR–07/08
6.
Accessing the Low level Flash Drivers
The AT90USB USB bootloader is located in the boot section of the on-chip flash memory, mean-
while the bootloader section is the unique memory location allowed to execute on-chip flash
memory write operations (SPM instruction is decoded only in this section).
Thus applications which require on-chip flash write access can perform calls to specific entry
points located in the USB bootloader.
The USB bootloader provides several Application Programming Interfaces (API) that allows the
application to access low level flash drivers located in the boot section. These APIs allow the fol-
lowing operations:
• Page Erase
• Page Write
• Load word in the temporary page buffer
Figure 6-1.
USB bootloader API calls
Application section
Boot section
API entry points
USB Bootloader
Low level flash drivers
On-Chip flash Request:
"Page Erase"
"Page Write"
"Load Word"
Low Level
Flash Operations
Target Page modified
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com