Electronic Components Datasheet Search
  English  ▼

X  

R32 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # R32
Description  Bimetal Cutouts Temperature Regulators Temperature Limiters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R32 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  R32 Datasheet HTML 1Page - List of Unclassifed Manufacturers R32 Datasheet HTML 2Page - List of Unclassifed Manufacturers R32 Datasheet HTML 3Page - List of Unclassifed Manufacturers R32 Datasheet HTML 4Page - List of Unclassifed Manufacturers R32 Datasheet HTML 5Page - List of Unclassifed Manufacturers R32 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
OPTIONAL VARIATIONS Terminals, Fixings, Housings
Type
Descrip- Descrip-
Variations
tion old
tion new
Terminals
R 20/R 22 R 30/R 32 R 40
A 008
AA008
Flat terminal for screw
**
connection
R 20/R 22 R 30/R 32 R 40
A 117
AB 117
6.3 x 0.8 mm terminal
**
R 20/R 22 R 30/R 32 R 40
A 118
AC118
4.8 x 0.8 mm terminal
**
R 20/R 22
R 40
A 119
AD119
6.3 x 0.8 mm terminal,
*
angle 90°
R 20/R 22
R 40
A 120
AE120
4.8 x 0.8 mm terminal,
**
angle 90°
R 20/R 22 R 30/R 32 R 40
A 121
AF121
solder connection
*
R 20/R 22
R 40
A 122
AG122
solder connection,
angle 90°
**
R 20/R 22
R 40
A 123
AH123
flat conductors
**
R 20/R 22
R 40
A 125
AI125
connector pins 4.8 x 0.5 mm
**
R 20/R 22 R 30/R 32 R 40
A128
AK128
screw connection
R 20/R 22 R 30/R 32 R 40
A129
AL129
crimp connection
R 20/R 22
R 40
A 134
AM134
A119 with inside angled
**
connection 6.3 x 0.8 mm
R 20/R 22
R 40
A 135
AN 135
A120 with inside angled
**
connection 4.8 x 0.8 mm
R 20/R 22 R 30/R 32 R 40
A 137
AP137
crimp connection/
screw connection
R 20/R 22 R 30/R 32 R 40
A 138
AR138
crimp connection/flat terminal
R 20/R 22 R 30/R 32 R 40
A139
AS139
screw connection/flat terminal
Type
Descrip- Descrip-
Variations
tion old
tion new
Fixings
R 20/R 22 R 30/R 32 R 40
B000
BX 000
no mounting bracket
**
R 20/R 22 R 30/R 32 R 40
B 120
BA120
3 hole mounting flange
*
R 20/R 22 R 30/R 32 R 40
B 214
BB214
mounting bracket, narrow
*
R 20/R 22 R 30/R 32 R 40
B 215
BC215
mounting bracket-standard
**
hole dia. 3.2 mm
R 20/R 22 R 30/R 32 R 40
B 217
BD217
brass central mounting
*
M 5 x 6 mm
R 20/R 22 R 30/R 32 R 40
B 218
BE218
brass central mounting
**
M 4 x 8 mm
R 20/R 22 R 30/R 32 R 40
B 220
BU220
fixed mounting flange, steel,
**
hole distance 23 mm, angle 0°
R 20/R 22 R 30/R 32 R 40
B 221
BG221
fixed mounting flange, steel,
**
hole distance 23 mm, angle 45°
R 20/R 22 R 30/R 32 R 40
B 222
BH222
fixed mounting flange, steel,
**
hole distance 23 mm, angle 90°
Type
Descrip- Descrip-
Variations
tion old
tion new
Fixings
R 20/R 22 R 30/R 32 R 40
B 223
BI223
fixed mounting flange, steel,
*
hole distance 23 mm, angle 135°
R 20/R 22 R 30/R 32 R 40
B 225
BF225
fixed mounting flange, steel,
**
hole distance 40 mm, narrow,
angle 0°
R 20/R 22 R 30/R 32 R 40
B 226
BL226
fixed mounting flange, steel,
**
hole distance 40 mm, narrow,
angle 45°
R 20/R 22 R 30/R 32 R 40
B 227
BM227
fixed mounting flange, steel,
**
hole distance 40 mm, narrow,
angle 90°
R 20/R 22 R 30/R 32 R 40
B 228
BN228
fixed mounting flange, steel,
*
hole distance 40 mm, narrow,
angle 135°
R 20/R 22 R 30/R 32 R 40
B 235
BP235
raised flange,
**
hole distance 23 mm, angle 0°
R 20/R 22 R 30/R 32 R 40
B 236
BR236
raised flange,
**
hole distance 23 mm, anglel 45°
R 20/R 22 R 30/R 32 R 40
B 237
BS237
raised flange,
**
hole distance 23 mm, angle 90°
R 20/R 22 R 30/R 32 R 40
B 238
BT238
raised flange,
**
hole distance 23 mm, angle 135°
R 20/R 22 R 30/R 32 R 40
B 250
BK250
with rotating mounting flange
**
(Standard)
hole dia. 3.8 mm
R 20/R 22 R 30/R 32 R 40
B 255
BV255
mounting element
*
Type
Descrip- Descrip-
Variations
tion old
tion new
Housings
R 20/R 22
R 40
G 108
GA108
hexagon threaded sleeve, brass,
*
with flat terminals 6.3 x 0.8 mm
R 30
G128
GB128
without rubber cap,
*
with reset pin
R 32
G 129
GC129
without rubber cap,
*
with reset pin
R 20/R 22
R 40
G 130
GD130
plastic cover horizontal,
for leads and cable
**
R 30/R 32
G 135
GE135
housing without reset pin
**
R 20/R 22
R 40
G 145
GF145
hexagon threaded sleeve, brass,
**
with sensor and leads 300 mm
R 20/R 22
R 40
G 146
GG146
hard paper sleeve
**
R 20/R 22
R 40
G 147
GH147
voltage-free housing with flange,
**
for leads
R 30/R 32
G 408
GI408
cap silicone R 300019
**
R 30/R 32
G 409
GK409
without reset cap
**
Marking (example)
Manufactur = MIC
Version
= ABXX
Version
= BD16
Temperature = C029
Type
Terminals
Ref. letter
Housing
Standard
Fixing
Code letter
Base
1996
60 °C ±5 K
R22
A
B
X
X
B
D
1
6
C029
ABXX
B
D
1
6
Indicator for
Year of manufacture 0-9 (6 = 1996)
housing options A-Z
Ref. no. for base
G for housing
1 = nickel plated steel (standard)
Indicator for
2 = stainless steel
terminal options A-Z
3 = aluminium, anodised
A for terminals
4 = aluminium
Indicator for
C
0
2
9
fixing option A-Z
Code-No. for response
B for fixing
temp and tolerance
Reference to: page 4/5 · ** see illustrations
** not illustrated
MIC
ABXX
BD16
CO29
E
R 20 / R 22 / R 30 / R 32 / R 40
B 255 Mounting element
R 20 / R 22 / R 30 / R 32 / R 40
B 120 3 hole mounting flange



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com