Electronic Components Datasheet Search
  English  ▼

X  

SDR959P Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR959P
Description  50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR959P Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR959P Datasheet HTML 1Page - Solid States Devices, Inc SDR959P Datasheet HTML 2Page - Solid States Devices, Inc SDR959P Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0113C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR958 thru SDR9512
Series
Electrical Characteristics3/
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 μsec pulse)
IF = 20Adc
IF = 50Adc
IF = 100Adc
VF1
1.10
1.25
1.40
--
1.7
2.0
Volts
Instantaneous Forward Voltage Drop
TA = -55ºC
TA = -55ºC
TA = 100ºC
TA = 100ºC
IF = 20Adc
IF = 50Adc
IF = 20Adc
IF = 50Adc
VF2
1.20
1.30
0.95
1.15
--
1.80
--
1.60
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 μsec pulse minimum)
IR1
50
100
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 μsec pulse minimum)
(Rated VR, TA = 125ºC, 300 μsec pulse minimum)
(Rated VR, TA = 150ºC, 300 μsec pulse minimum)
IR2
3.0
7.0
17.0
10
--
--
mA
Junction Capacitance
(VR = 5 Vdc, TA = 25ºC, f = 1MHz)
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
180
160
--
250
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A)
(IF = 10 A, dIF /dt = 100A/us)
(IF = 10 A, dIF /dt = 100A/us)
(IF = 10 A, dIF /dt = 45A/us)
(IF = 10 A, dIF /dt = 45A/us)
(IF = 10 A, dIF /dt = 45A/us)
(IF = 10 A, dIF /dt = 45A/us)
TA = 25ºC
TA = 25ºC
TA = 25ºC
TA = 25ºC
TA = 25ºC
TA = 100ºC
TA = 100ºC
trr1
trr2
IRM2
trr3
IRM3
trr4
IRM4
100
135
8.0
210
4.0
330
7.5
150
--
--
--
--
--
--
nsec
nsec
A
nsec
A
nsec
A
Case Outline: TO-258 (N)
Case Outline: TO-259 (P)
Lead Forming Options:
Suffix DB:
Suffix UB:
Pin1: Cathode
Pin2: Anode
Pin3: Anode
.270
.240
.045
.035
.145
.135
.750
.500
2x Ø.150
.120
.290
.275
2x
.265
.245
.135
.120
TYP
.550
.530
2x
.265
.245
3x Ø
.065
.055
2x
.205
.195
.405
.395
1.215
1.175
.960
.935
.700
.680
1.300
1.030
PIN 1
PIN 2
PIN 3
2x
.270
.240
.190 MIN
.190 MIN
2x .270
.240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com