Electronic Components Datasheet Search
  English  ▼

X  

SDR9511P Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR9511P
Description  50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR9511P Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR9511P Datasheet HTML 1Page - Solid States Devices, Inc SDR9511P Datasheet HTML 2Page - Solid States Devices, Inc SDR9511P Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0113C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SDR __
__
__ __
└ Screening
2/
___ = Not Screened
TX
= TX Level
TXV = TXV Level
S
= S Level
│
│
│
│
└
Lead Options
__= Straight Leads
DB = Bent Down
UB = Bent Up
│
│
│
│
│
│
│
│
└
Package
N = TO-258
P = TO-259
S2 = SMD2
│
│
│
│
│
│
│
│
│
│
│
└
Family/Voltage
958 = 800V
959 = 900V
9510 = 1000V
9511 = 1100V
9512 = 1200V
SDR958 thru SDR9512
Series
50 AMP
800 -1200 Volts
100 nsec
Ultrafast Recovery
Rectifier
Features:
• Ultra Fast Recovery: 80 nsec typical
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Faster Recovery Times Available – Contact Factory
• TX, TXV, Space Level Screening Available - Consult
Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR958
SDR959
SDR9510
SDR9511
SDR9512
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
3/
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow
Junction to Reach Equilibrium Between Pulses, TA = 25ºC)
3/
IFSM
500
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case3/
N&P
SMD2
RθJC
0.45
0.3
ºC/W
Notes:
1/ For Ordering Information, Price, Operating
Curves, and Availability - Contact Factory
2/ Screening per MIL-PRF-19500
3/ Pins 2&3 connected
TO-258
TO-259
SMD2


Similar Part No. - SDR9511P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR9511P SSDI-SDR9511P Datasheet
228Kb / 2P
50 AMP 800 -1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR9511P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD4963-1 SSDI-SPD4963-1 Datasheet
131Kb / 2P
1 AMP 550 - 800 VOLTS 130 nsec FAST RECOVERY RECTIFIER
15R6CTN SSDI-15R6CTN Datasheet
228Kb / 2P
100 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR998CT-3 SSDI-SDR998CT-3 Datasheet
31Kb / 2P
100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE CENTERTAP RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR998CTN SSDI-SDR998CTN Datasheet
49Kb / 2P
100 AMP 800 -1200 Volts 80 nsec ULTRA FAST COMMON CATHODE RECTIFIER
SDR958M SSDI-SDR958M Datasheet
231Kb / 2P
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR4512M SSDI-SDR4512M Datasheet
169Kb / 2P
45 AMP 1200 VOLTS 80 nsec RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com