Electronic Components Datasheet Search
  English  ▼

X  

STD8NS25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD8NS25
Description  N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8NS25 Datasheet(HTML) 1 Page - STMicroelectronics

  STD8NS25 Datasheet HTML 1Page - STMicroelectronics STD8NS25 Datasheet HTML 2Page - STMicroelectronics STD8NS25 Datasheet HTML 3Page - STMicroelectronics STD8NS25 Datasheet HTML 4Page - STMicroelectronics STD8NS25 Datasheet HTML 5Page - STMicroelectronics STD8NS25 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
July 2001
STD8NS25
N-CHANNEL 250V - 0.38
Ω - 8A DPAK
MESH OVERLAY™ MOSFET
s
TYPICAL RDS(on) = 0.38 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performance. The new patented STrip layout cou-
pled with the Company’s proprietary edge termina-
tion structure, makes it suitable in coverters for
lighting applications.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-DC CONVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD8NS25
250 V
< 0.45
Ω
8 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
250
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
250
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
8A
ID
Drain Current (continuos) at TC = 100°C
5A
IDM (q)
Drain Current (pulsed)
32
A
PTOT
Total Dissipation at TC = 25°C
80
W
Derating Factor
0.64
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
5
V/ns
EAS (2)
Single Pulse Avalanche Energy
209
mJ
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1) ISD≤ 8A, di/dt≤300 A/µs, VDD≤ V(BR)DSS, Tj≤TjMAX
(2) Starting Tj = 25°C, IAR = 50A, VDD=20 V
INTERNAL SCHEMATIC DIAGRAM
DPAK
1
3


Similar Part No. - STD8NS25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD8NS25 ISC-STD8NS25 Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STD8NS25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY™ MOSFET
Feb-2003
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY™ MOSFET
Jul-2001
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001
STD3PS25 STMICROELECTRONICS-STD3PS25 Datasheet
445Kb / 10P
P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
Jun-2003
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
Feb-2003
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
Feb-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com