Electronic Components Datasheet Search
  English  ▼

X  

HTE24 Datasheet(PDF) 1 Page - Riedon Powertron

Part # HTE24
Description  High Voltage / Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HTE24 Datasheet(HTML) 1 Page - Riedon Powertron

  HTE24 Datasheet HTML 1Page - Riedon Powertron HTE24 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page52
1.01
Type
WattageRating
(Watts)
Dimensions
(specialdimensionspossible)
MaximumWorking
Voltage(KVACrms))
A
±0.062”[±1.6mm]
B
±0.031”[±0.8mm]
C
±0.002”[±0.05mm]
HTE15
0.7
0.590[15.0]
0.197[5.0]
0.032[0.8]
2.5
HTE19
1
0.748[19.0]
0.197[5.0]
0.032[0.8]
3.5
HTE24
2
0.944[24.0]
0.314[8.0]
0.040[1.0]
5.5
HTE25
1.2
1.00[25.4]
0.197[5.0]
0.032[0.8]
5.5
HTE39
3
1.535[39.0]
0.314[8.0]
0.040[1.0]
10
HTE52
5
2.05[52.0]
0.314[8.0]
0.040[1.0]
15
HTE76
8
2.99[76.0]
0.354[9.0]
0.040[1.0]
22.5
HTE102
12
4.02[102]
0.354[9.0]
0.040[1.0]
32
HTE127
12
5.00[127]
0.354[9.0]
0.040[1.0]
40
HTE152
15
5.98[152]
0.354[9.0]
0.040[1.0]
48
HTE Series
Resistances from 200Ohms to 700MOhms
Power Rating 0.7 to 17Watts
Resistance Tolerances to ±1%
Low TCR: ± 100ppm/K Standard
Voltage Ratings to 48KV
Non-Inductive Design
SMD upon request
•
•
•
•
•
•
•
SPECIFICATIONS
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:HTE3910MOhm1%
HighVoltage/ThickFilmResistors
Ordering Information


Similar Part No. - HTE24

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HTE24 WILLOW-HTE24 Datasheet
3Mb / 2P
Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
Riedon Powertron
HTE24 RIEDON-HTE24 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
HTE24 RIEDON-HTE24 Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
More results

Similar Description - HTE24

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
High Voltage Thick Film Resistors
logo
Riedon Powertron
HVR25 RIEDON-HVR25 Datasheet
282Kb / 2P
High Voltage / Thick Film Leaded Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Riedon Powertron
HTE RIEDON-HTE Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com