Electronic Components Datasheet Search
  English  ▼

X  

STD90NH02L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD90NH02L
Description  N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET™ III POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90NH02L Datasheet(HTML) 2 Page - STMicroelectronics

  STD90NH02L Datasheet HTML 1Page - STMicroelectronics STD90NH02L Datasheet HTML 2Page - STMicroelectronics STD90NH02L Datasheet HTML 3Page - STMicroelectronics STD90NH02L Datasheet HTML 4Page - STMicroelectronics STD90NH02L Datasheet HTML 5Page - STMicroelectronics STD90NH02L Datasheet HTML 6Page - STMicroelectronics STD90NH02L Datasheet HTML 7Page - STMicroelectronics STD90NH02L Datasheet HTML 8Page - STMicroelectronics STD90NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STD90NH02L
2/12
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (5)
DYNAMIC
Rthj-case
Rthj-amb
Tl
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Maximum Lead Temperature For Soldering Purpose
Max
Max
1.58
100
275
°C/W
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 25 mA, VGS = 0
24
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = 20 V
VDS = 20 V
TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
1
1.8
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 30 A
VGS = 5 V
ID = 15 A
0.0052
0.007
0.006
0.011
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (5)
Forward Transconductance
VDS = 10 V
ID = 30 A
40
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 15V f = 1 MHz VGS = 0
2850
800
120
pF
pF
pF
RG
Gate Input Resistance
f = 1 MHz Gate DC Bias = 0
Test Signal Level = 20 mV
Open Drain
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com