Electronic Components Datasheet Search
  English  ▼

X  

MP50 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MP50
Description  Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MP50 Datasheet(HTML) 1 Page - Riedon Powertron

  MP50 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page73
1.01
MP Series
FilmResistors
Type
MP50
MP55
MP60
MP65
MP70
MIL-R-10509F
RN50
RN55
RN60
RN65
RN70
DIN-44061
0204
0207
0411
0617
0719
ResistanceRange
20Ohms
to
1M5Ohms
10Ohmsto2MOhms
Powerrating(70°C)
0.125W
0.25W
0.5W
0.75W
1W
Tolerances
0.02%/0.05%/0.10%/0.25%/0.5%/1%
Temperature Coefficient
5/10/15/25ppm/K
OperatingVoltage(Umax)
200V
250V
300V
350V
400V
ShortTimeOverloadVoltage
400V
500V
600V
700V
800V
OperatingTemperatureRange
-55to155°C
Max.ResistanceChangeatratedpower
∆R/R max after 1000h
≤0.025%
≤0.05%
InsulationResistance
>1G
InsulationVoltage
>500V
Dimensionsinmm[inches]
L
D
d
Tolerance
3.9[0.14]
1.6[0.06]
0.5[0.02]
±0.1[0.003]
6.8[0.27]
2.5[0.1]
0.6[0.024]
±0.1[0.003]
10.0[0.39]
3.7[0.15]
0.6[0.024]
±0.1[0.003]
15[0.98]
5.2[0.20]
0.6[0.024]
±0.1[0.003]
18.3[0.72]
6.5[0.26]
0.8[0.031]
±0.1[0.003]
SPECIFICATIONS
PartNumber-Resistance-Tolerance
MP55100Ohms0.5%
Ordering Information
0
0,1
0,2
0,3
0,4
0,5
0,6
50
70
90
110
130
155
Temperature (°C)
Resistances from 10Ohm to 2MOhms
Power Rating to 0.5Watts
Resistance Tolerances to ±0.01%
TCR’s to ±50ppm/K
Convenient RN Type Package Styles
•
•
•
•
•


Similar Part No. - MP50

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP50 CHENG-YI-MP50 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
logo
CHENG-YI ELECTRONIC CO....
MP50005 CHENG-YI-MP50005 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
MP50005 RFE-MP50005 Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
Microdiode Semiconducto...
MP50005 CHENDA-MP50005 Datasheet
387Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MP50

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
Film Resistors
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
Film Resistors
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
Film Resistors
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
Film Resistors
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
Film Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
MR12 RFE-MR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com