Electronic Components Datasheet Search
  English  ▼

X  

MS-3 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MS-3
Description  Bare Metal Element Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MS-3 Datasheet(HTML) 1 Page - Riedon Powertron

  MS-3 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page74
rev.03/2006A
MS Series
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:MS-30.05Ohm1%
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Resistances from 0.005 to 0.10Ohms
Tolerance to ±1%
Resistance Wire TCR: ± 20ppm/K
For Current Sensing and Shunt Applications
All Welded Construction
Low Inductance ( <10nH )
Economical Bare Metal Element
•
•
•
•
•
•
•
Type
PowerRating
Watts@85°C
Resistance
Range(W)1
Tolerances
TCR
(ppm/K)
Dimensions
L
+0.040/-0.020”
[+1.0/-0.5mm]
D
±0.002”
[±0.05mm]
MS-1
1
0.005to0.10
±1%/±5%
SeeChart
ConsultRiedon
0.032[0.8]
0.040[1.0]
MS-3
3
0.005to0.10
±1%/±5%
SeeChart
ConsultRiedon
0.040[1.0]
MS-5
5
0.005to0.05
±1%/±5%
SeeChart
ConsultRiedon
0.040[1.0]
SPECIFICATIONS
1
CallFactoryforOtherResistances
Temperature Coefficient
of Resistance (TCR)
0
0.01
0.03
0.05
0.07
0.09
0.11
0.13
500
400
300
200
100
0
Resistance Value ( W )
BareMetalElementResistors
Ordering Information


Similar Part No. - MS-3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
List of Unclassifed Man...
MS-3-140 ETC2-MS-3-140 Datasheet
5Mb / 282P
High-Speed Interconnect Technology
MS-3-140-Y ETC2-MS-3-140-Y Datasheet
5Mb / 282P
High-Speed Interconnect Technology
logo
Willow Technologies Ltd
MS-30.05OHM WILLOW-MS-30.05OHM Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
Mean Well Enterprises C...
MS-300 MEANWELL-MS-300 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
More results

Similar Description - MS-3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
Riedon Powertron
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
Bare Metal Element Resistors
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
Bare Metal Element Resistors
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR1-0R05F1 RIEDON-MSR1-0R05F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
MSR5-0R005F1 RIEDON-MSR5-0R005F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
MSR1-0R1F1 RIEDON-MSR1-0R1F1 Datasheet
127Kb / 1P
Bare Metal Element Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com