Electronic Components Datasheet Search
  English  ▼

X  

RMF25 Datasheet(PDF) 2 Page - Riedon Powertron

Part # RMF25
Description  Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

RMF25 Datasheet(HTML) 2 Page - Riedon Powertron

  RMF25 Datasheet HTML 1Page - Riedon Powertron RMF25 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc. 300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
Fax: (626) 284-1704
www.riedon.com Sales@Riedon.com
TEST
PROCEDURE
SPEC.
Dielectric Withstanding
Voltage
V - Block Method, 3X Rated Voltage
Duration: 1min.
R = (0.25% + 0.05 ohm)
Insulation Resistance
V - Block Method, DC 500V
Duration: 1min.
> 10,000 M ohm
Temp Cycling
5 cycles of -65°C, 25°C,155°C, 25°C
R = (1% + 0.05 ohm)
Short Time Overload
2.5 X Rated Voltage
Duration: 5 seconds
R = (0.25% + 0.05 ohm)
Damp Heat Steady State
40°C 95% relative humidity,
Duration: 56 Days
R = (1% + 0.05 ohm)
Load Life
Rated Voltage at 70°C ambient
Duration: 2000 hours
R = (1% + 0.05 ohm)
Robustness of Terminations
Tensile: 10N Duration: 10 sec.
Bending: 180°, > 3 bends
Torsion: 3 rotation of 360° each
R = (0.25% + 0.05 ohm)
Resistance to Soldering Heat
Temp. 260°C ± 5°C
Duration: 10 seconds
R = (0.25% + 0.05 ohm)
Shock (Medium Impact)
1 Km/S2
R = (0.25% + 0.05 ohm)
Vibration (High Frequency)
10 to 2000Hz: m/S2
R = (0.25% + 0.05 ohm)
Low Temp. Exposure
at -65°C
Duration: 2 Hrs
R = (0.25% + 0.05 ohm)
High Temp. Exposure
at +155°C
Duration: 16 Hrs. No Load Condition
R = (1% + 0.05 ohm)
Solderability
Dip Method, Solder bath
Temp. 230°C ± 5°C.
Duration: 5 sec.
95% coverage
Resistance to Solvent
Solvent: Trichloroethylene
Duration: 3 min.
Marking should be legible



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com