Electronic Components Datasheet Search
  English  ▼

X  

SMA Datasheet(PDF) 1 Page - Riedon Powertron

Part # SMA
Description  Precision Metal Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

SMA Datasheet(HTML) 1 Page - Riedon Powertron

  SMA Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page86
1.01
Type
Power
Rating
(Watts@
70°C
)
Resistance
Range
Maximum
Working
Voltage
Dimensions
D
+0.000/-0.020
[+0.0/-0.5mm]
H
+0.000/-0.020
[+0.0/-0.5mm]
L
±0.040
[±1.0mm]
W
±0.008
[±0.2mm]
T
+0.000/-0.020
[+0.0/-0.5mm]
SCA
0.25
10to330k
300
0.205[5.2]
0.315[8.0]
0.390[10.0]
0.100[2.5]
0.090[2.3]
SAA
0.25
10to1M
350
0.275[7.0]
0.315[8.0]
0.390[10.0]
0.200[5.1]
0.098[2.5]
SMA
0.25
10to500k
350
0.433[11.0]
0.170[4.3]
0.492[12.5]
0.400[10.2]
0.098[2.5]
SAA / SMA / SCA Series
Resistances from 10 to 1MOhms
Power Rating 0.25Watts
Resistance Tolerances to ±0.05%
TCR to ± 5ppm/K
Non-Inductive Design
Space Efficient Radial Leads
•
•
•
•
•
•
SPECIFICATIONS
PartNumber-Resistance-Tolerance-TCR
Example:SAA10kOhms0.1%10ppm
Specification
Value
ResistanceRange
10Ohmsto1MOhms
Tolerances
±0.1%to±1%
±0.05%(100W<R<100KW)
Temperature Coefficient
±10ppm/K/±25ppm/K
±3ppm/K(100W<R<100KW)
TemperatureRange
-25°Cto+125°C
InsulationResistance
>10000MOhms
EnvironmentalPerformance
(MIL-STD202)
D
R
LoadLife
±0.1%
MoistureResistance
±0.1%
TemperatureCycling
±0.05%
ShortTimeOverload
±0.01%
Vibration
±0.01%
PrecisionMetalFilmResistors
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Ordering Information


Similar Part No. - SMA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
RFE international
SMA RFE-SMA Datasheet
55Kb / 1P
SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Diodes Incorporated
SMA DIODES-SMA Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
More results

Similar Description - SMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com