Electronic Components Datasheet Search
  English  ▼

X  

TF2005 Datasheet(PDF) 1 Page - Riedon Powertron

Part # TF2005
Description  Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TF2005 Datasheet(HTML) 1 Page - Riedon Powertron

  TF2005 Datasheet HTML 1Page - Riedon Powertron TF2005 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page92
1.01
Type
2003
2004
2005
2006
2007
2009
PowerRating
(W@70°C)
0.125
0.25
0.40
0.70
1.5
3.0
WorkingVoltage(rms)
100
250
750
2000
10000
20000
AvailableResistancesateachTolerance
Tolerance0.5%uponrequest
±1%
100-10M
10k-10M
10k-22M
100k-100M
100k-100M
100K-100M
±2%
100-25M
10k-100M
10k-200M
100k-250M
100k-500M
100K-500M
±5%
100-150M
10k-250M
10k-500M
100k-1G
100k-2G
100K-2G
±10%
100-500M
10k-1G
10k-10G
100k-10G
100k-10G
100K-20G
Available Resistances at each Temperature Coefficient
±100ppm/K
≤ 25M
≤ 50M
≤ 250M
≤ 250M
≤ 250M
≤ 250M
±250ppm/K
>25M
>50M
>250M
>250M
>250M
>250M
TF2000 Series
Resistances from 100 to 20GOhms
Power Rating 0.125 to 3Watts
Resistance Tolerances to ±1%
TCR’s to ±100ppm/K
Voltage Ratings to 20KV
Voltage Coefficient : 50ppm/V (MAX)
Thick Film Resistance Element
•
•
•
•
•
•
•
SPECIFICATIONS
Specification
Value
ResistanceRange
100Ohmsto20GOhms
Tolerances
±1%to±10%
Temperature Coefficient
±100ppm/K/±250ppm/K
TemperatureRange
-55°Cto+125°C
InsulationResistance
>10000MOhms
ShelfLifeStability
1%/5Years
ClimaticCategory
55/125/56
MaxSolderingTemperature
+260°C/10s
Voltage Coefficient
<5ppm/V
ThickFilmResistors
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve


Similar Part No. - TF2005

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
TF2005 RIEDON-TF2005 Datasheet
177Kb / 2P
Thick Film Resistors
More results

Similar Description - TF2005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Riedon Powertron
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
Thick Film Resistors
logo
Panasonic Semiconductor
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com