Electronic Components Datasheet Search
  English  ▼

X  

UP-2 Datasheet(PDF) 1 Page - Riedon Powertron

Part # UP-2
Description  Current Sensing Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UP-2 Datasheet(HTML) 1 Page - Riedon Powertron

  UP-2 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page109
rev.03/2006A
Specification
Value
Tolerances
±0.05% to ±5% ( 1% Standard )
Temperature Coefficient
±90ppm/K ( Call Factory for Others )
Temperature Range
-55°C to +275°C
Inductance
<10nH
Short Time Overload
5X Rated Power / 5s
UP Series
Resistances from 0.0005 to 0.05Ohms
Tolerance to ±0.05%
Power Rating to 5Watts
Low Temperature Coefficient
For Current Sensing and Shunt Applications
Low inductance
All Welded Construction
•
•
•
•
•
•
•
SPECIFICATIONS
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Type
Power Rating
W@25°C
Resistance
Range
L
±0.020
[±0.5]
W
±0.020
[±0.5]
H
±0.04
[±1.0]
A
±0.020
[±0.5]
B
(Max)
D
±0.002
[±0.05]
UP-1
1
0.001 to 0.05
0.700
[17.8]
0.200
[5.1]
0.275
[7.0]
0.115
[2.9]
-
0.040/
0.051
[1.0/1.3]
UP-2
5
0.0005 to 0.002
1.00
[25.4]
0.250
[6.4]
0.440
[11.2]
0.220
[5.6]
1.400
[35.6]
0.081
[2.1]
UP-3
3.5
0.003 to 0.05
1.00
[25.4]
0.250
[6.4]
0.375
[9.5]
0.115
[2.9]
-
0.051
[1.3]
Part Number - Resistance - Tolerance - TCR ( If not standard )
Example: UP-2 0.001 Ohm 1%
Current Sensing Resistors
UP-1 / UP-3
UP-2
Ordering Information


Similar Part No. - UP-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UP-2010 ETC2-UP-2010 Datasheet
685Kb / 4P
Enterprise Network Security Appliance with High-density Ports and PoE
More results

Similar Description - UP-2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
Thick Film Current Sensing Resistors
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
Current Sensing Chip Resistors
NCSR NIC-NCSR Datasheet
484Kb / 5P
Current Sensing Chip Resistors
NCSS NIC-NCSS Datasheet
92Kb / 6P
Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
PCR-4T ETC-PCR-4T Datasheet
541Kb / 1P
PRECISION CURRENT SENSING RESISTORS
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com