Electronic Components Datasheet Search
  English  ▼

X  

STE180NE10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE180NE10
Description  N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180NE10 Datasheet(HTML) 2 Page - STMicroelectronics

  STE180NE10 Datasheet HTML 1Page - STMicroelectronics STE180NE10 Datasheet HTML 2Page - STMicroelectronics STE180NE10 Datasheet HTML 3Page - STMicroelectronics STE180NE10 Datasheet HTML 4Page - STMicroelectronics STE180NE10 Datasheet HTML 5Page - STMicroelectronics STE180NE10 Datasheet HTML 6Page - STMicroelectronics STE180NE10 Datasheet HTML 7Page - STMicroelectronics STE180NE10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthc-h
Thermal Resistance Junction-case
Max
Thermal Resistance Case-heat sink With conductive
Grease Applied
Max
0.347
0.05
oC/W
oC/W
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
60
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =25 V)
720
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =1 mA
VGS = 0
100
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc = 125
oC
4
40
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 400
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 1 mA
234
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V
ID =90 A
4.5
6
m
Ω
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
180
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =80 A
30
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS =0
21
2.5
0.9
nF
nF
nF
STE180NE10
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com