| Electronic Components Datasheet Search |
|
DS80C320-END Datasheet(PDF) 36 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS80C320-END Datasheet(HTML) 36 Page - Dallas Semiconductor |
|
36 / 175 page ![]() High-Speed Microcontroller User’s Guide 36 of 175 Port 3 (P3) 7 6 5 4 3 2 1 0 SFR B0h P3.7 RD P3.6 WR P3.5 T1 P3.4 T0 P3.3 1 INT P3.2 0 INT P3.1 TXD0 P3.0 RXD0 RW-1 RW-1 RW-1 RW-1 RW-1 RW-1 RW-1 RW-1 R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset P3.7-0 Bits 7-0 Purpose I/O Port 3. This register functions as a general purpose I/O port. In addition, all the pins have an alternative function listed below. Each of the functions is controlled by several other SFRs. The associated Port 1 latch bit must contain a logic one before the pin can be used in its alternate function capacity. RD Bit 7 External Data Memory Read Strobe. This pin provides an active low read strobe to an external memory device. WR Bit 6 External Data Memory Write Strobe. This pin provides an active low write strobe to an external memory device. T1 Bit 5 Timer/Counter External Input. A 1 to 0 transition on this pin will increment Timer 1. T0 Bit 4 Counter External Input. A 1 to 0 transition on this pin will increment Timer 0. INT1 Bit 3 External Interrupt 1. A falling edge/low level on this pin will cause an external interrupt 1 if enabled. INT0 Bit 2 External Interrupt 0. A falling edge/low level on this pin will cause an external interrupt 0 if enabled. TXD0 Bit 1 Serial Port 0 Transmit. This pin transmits the serial port 0 data in serial port modes 1, 2, 3 and emits the synchronizing clock in serial port mode 0. RXD0 Bit 0 Serial Port 0 Receive. This pin receives the serial port 0 data in serial port modes 1, 2, 3 and is a bi-directional data transfer pin in serial port mode 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |