Electronic Components Datasheet Search
  English  ▼

X  

LM3S811 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LM3S811
Description  Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S811 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LM3S811 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S811 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 410 page
background image
LM3S811 Data Sheet
October 8, 2006
21
Preliminary
assert a signal
Change the value of the signal from the logically False state to the
logically True state. For active High signals, the asserted signal
value is 1 (High); for active Low signals, the asserted signal value is
0 (Low). The active polarity (High or Low) is defined by the signal
name (see SIGNAL and SIGNAL below).
deassert a signal
Change the value of the signal from the logically True state to the
logically False state.
SIGNAL
Signal names are in uppercase and in the Courier font. An overbar
on a signal name indicates that it is active Low. To assert SIGNAL is
to drive it Low; to deassert SIGNAL is to drive it High.
SIGNAL
Signal names are in uppercase and in the Courier font. An active
High signal has no overbar. To assert SIGNAL is to drive it High; to
deassert SIGNAL is to drive it Low.
Numbers
X
An uppercase X indicates any of several values is allowed, where X
can be any legal pattern. For example, a binary value of 0X00 can be
either 0100 or 0000, a hex value of 0xX is 0x0 or 0x1, and so on.
0x
Hexadecimal numbers have a prefix of 0x. For example, 0x00FF is
the hexadecimal number FF. Binary numbers are indicated with a b
suffix, for example, 1011b. Decimal numbers are written without a
prefix or suffix.
Table 0-1.
Documentation Conventions
Notation
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com