Electronic Components Datasheet Search
  English  ▼

X  

STE40NA60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE40NA60
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE40NA60 Datasheet(HTML) 1 Page - STMicroelectronics

  STE40NA60 Datasheet HTML 1Page - STMicroelectronics STE40NA60 Datasheet HTML 2Page - STMicroelectronics STE40NA60 Datasheet HTML 3Page - STMicroelectronics STE40NA60 Datasheet HTML 4Page - STMicroelectronics STE40NA60 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STE40NA60
N - CHANNEL ENHANCEMENT MODE
FAST POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.12
Ω
s
HIGH CURRENT POWER MODULE
s
AVALANCHE RUGGED TECHNOLOGY
s
VERY LARGE SOA - LARGE PEAK POWER
CAPABILITY
s
EASY TO MOUNT
s
SAME CURRENT CAPABILITY FOR THE
TWO SOURCE TERMINALS
s
EXTREMELY LOW Rth (Junction to case)
s
VERY LOW INTERNAL PARASITIC
INDUCTANCE
s
ISOLATED PACKAGE UL RECOGNIZED
APPLICATIONS
s
SMPS & UPS
s
MOTOR CONTROL
s
WELDING EQUIPMENT
s
OUTPUT STAGE FOR PWM, ULTRASONIC
CIRCUITS
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
600
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC40
A
ID
Drain Current (continuous) at Tc =100
oC26
A
IDM(
•)
Drain Current (pulsed)
160
A
Pto t
Total Dissipation at Tc =25
oC460
W
Derat ing Fact or
3.6
W/
oC
Tst g
St orage Temperature
-55 to 150
oC
Tj
Max. Operating Junction T emperat ure
150
oC
VISO
Insulation W ithhstand Voltage (AC-RMS)
2500
V
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
ST E40NA60
600 V
< 0.135
Ω
40 A
January 1998
ISOTOP
1/5


Similar Part No. - STE40NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
N-CHANNEL 600V - 0.098Ω - 40A ISOTOP PowerMesh™ II MOSFET
May-2002
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD Datasheet
278Kb / 10P
N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET
13-Dec-2004
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
12-Jul-2006
More results

Similar Description - STE40NA60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Mar-1996
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov 1996
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Nov-1996
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1997
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com