Electronic Components Datasheet Search
  English  ▼

X  

PESB35 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PESB35
Description  Custom Linear Power Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PESB35 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PESB35 Datasheet HTML 1Page - List of Unclassifed Manufacturers PESB35 Datasheet HTML 2Page - List of Unclassifed Manufacturers PESB35 Datasheet HTML 3Page - List of Unclassifed Manufacturers PESB35 Datasheet HTML 4Page - List of Unclassifed Manufacturers PESB35 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
Custom Linear Power Transformers
www.tamuracorp.com
* Wire lead with specified connector
PEE (41-66) Dimensions and Information (mm)
TAMURA PART
PEE41-16.5
PEE41-20.5
PEE41-24.5
PEE48-18.5
PEE48-20
PEE48-23.5
PEE48-25
PEE54-25
PEE57-24.5
PEE57-30
PEE57-35
PEE60-30
PEE66-28
PEE66-36
PEE66-40
PEE66-45
TYPICAL VA
A
B
C (Max)
D
2-d
E
WEIGHT (kg)
PRI
SEC
4.5
43.5
36
40
52
3.5_4.5
60
0.15
1
1-3
5.5
43.5
36
44
52
3.5_4.5
60
0.2
1
1-3
7
43.5
36
50
52
3.5_4.5
60
0.25
1
1-3
8
50.5
43
43
59
4.5_6.5
69
0.3
1
1-3
9
50.5
43
46
59
4.5_6.5
69
0.34
1
1-3
10.5
50.5
43
50
59
4.5_6.5
69
0.37
1
1-3
12.5
50.5
43
55
59
4.5_6.5
69
0.40
1
1-3
16
56.5
48
54
69
4.5_6.5
80
0.59
1
1-3
18
59.5
50.5
54
72
4.5_6.5
83
0.65
1
1-3
24
59.5
50.5
62
72
4.5_6.5
83
0.70
1
1-3
30
59.5
50.5
69
72
4.5_6.5
83
0.80
1
1-3
25
62.5
54.5
63
75
4.5x6.5
86
0.80
1
1-3
25
68.5
58.5
62
81
4.5x6.5
92
1.00
1
1-3
41
68.5
58.5
72
81
4.5_6.5
92
1.10
1
1-3
50
68.5
58.5
78
81
4.5x6.5
92
1.20
1
1-3
55
68.5
58.5
83
81
4.5x6.5
92
1.30
1
1-3
Number of Connections*
Lead Wire 1
Orange
Yellow
Blue
White
Dimension: mm
Tolerance: + 1.0mm
300mm + 20mm (Lead Length 1 )
(From Bobbin Surface.)
300mm + 20mm (Lead Length 1 )
(From Bobbin Surface.)
Pri.
1
3
Sec.
1
2
STANDARD CONNECTOR SPECIFICATIONS
B
A
C
D
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com