Electronic Components Datasheet Search
  English  ▼

X  

PEE66 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEE66
Description  Custom Linear Power Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEE66 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEE66 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEE66 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEE66 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEE66 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEE66 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
Custom Linear Power Transformers
www.tamuracorp.com
• 120V Single Primary
• 1VA to 28kVA
• 120/240 Dual Primary
• Inherently and Non-Inherently
• Class B (130˚C) Insulation
Limited Product
• 2,500Vrms Hi-Pot
• UL1411 Recognized insulation systems
• UL94V-O Flammability
Low to Mid Power Linear Power Transformer Platform
Note: Inherently limited versions available. Please specify.
TAMURA PART
NUMBER SERIES
PESB28
PESB35
PEPF(35-66)
PEE(41-66)
1.2VA - 1.6VA
2VA - 3VA
3VA - 14.5VA
4.5VA - 55VA
0.5
1
2
3
4
6
8
15
20
30
50
60
70
80
90
100
150
180
250
300
BOARD MOUNT/
CHASSIS MOUNT
BOARD MOUNT
BOARD MOUNT
BOARD MOUNT
CHASSIS MOUNT
N
N
N
AVAILABLE
SHIELDING
PESB28 Dimensions and Information (mm)
1 - Three Phase Transformers
High Power Linear Power Transformer Platform
TAMURA PART
PESB28-12
PESB28-14
PESB28-16
TYPICAL VA
A
B
C
WEIGHT (kg) Approx
PRI
SEC
1.2
28.5
29
33
0.07
4
5
1.4
28.5
31
33
0.08
4
5
1.6
28.5
33
33
0.09
4
5
TAMURA PART
NUMBER SERIES
PEBO (150)
GAT (1T-35T)
1
GAT (3.3S-11S)
300VA - 1kVA
850VA - 28kVA
2.8kVA - 8.8kVA
300 500 700
1k
2k
3k
4k
5k
6k
7k
8k
9k
10k
12k
15k
20k
25k
30k
BOARD MOUNT/
CHASSIS MOUNT
CHASSIS MOUNT
CHASSIS MOUNT
CHASSIS MOUNT
AVAILABLE
AVAILABLE
AVAILABLE
SHIELDING
Number of Pins


Similar Part No. - PEE66

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PEE1100-12-054NA BEL-PEE1100-12-054NA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
PEE1100-12-054RA BEL-PEE1100-12-054RA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
PEE1100-12-054XA BEL-PEE1100-12-054XA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
logo
Sensata Technologies, I...
PEE240A25 SENSATA-PEE240A25 Datasheet
320Kb / 5P
PCB MOUNT SOLID STATE RELAYS
07/09/2024 Rev. B
PEE240A25R SENSATA-PEE240A25R Datasheet
320Kb / 5P
PCB MOUNT SOLID STATE RELAYS
07/09/2024 Rev. B
More results

Similar Description - PEE66

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6562 VISHAY-LPE-6562 Datasheet
166Kb / 2P
Surface Mount Transformers/Inductors Gapped and Ungapped Custom Configurations Available
28-Aug-02
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
logo
Bi technologies
170 BITECH-170 Datasheet
40Kb / 2P
Custom Power Modules
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_08 Datasheet
102Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_08 Datasheet
108Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
10-Oct-08
LPE-6562 VISHAY-LPE-6562_08 Datasheet
111Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE6562 VISHAY-LPE6562_09 Datasheet
113Kb / 3P
Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
29-Jan-09
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-3325 VISHAY-LPE-3325_V01 Datasheet
86Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
24-Feb-11
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
30-Apr-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com