Electronic Components Datasheet Search
  English  ▼

X  

DMR14A2 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR14A2
Description  14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR14A2 Datasheet(HTML) 1 Page - SunLED Corporation

  DMR14A2 Datasheet HTML 1Page - SunLED Corporation DMR14A2 Datasheet HTML 2Page - SunLED Corporation DMR14A2 Datasheet HTML 3Page - SunLED Corporation DMR14A2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 29 , 2008
Drawing No : SDSA0310
V5
Checked : Shin Chi
P.1/4
Part Number:
DMR14A2
14.22mm (0.56”) DUAL DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR14A2
Red
GaAlAs
8000
27490
660
Common Anode, Rt. Hand
Decimal.
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
TWO DIGIT PACKAGE SIMPLIFIESALIGNMENTS
& ASSEMBLY.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ p
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice
.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC專
用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.05 16:00:28
+08'00'


Similar Part No. - DMR14A2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR14A SUNLED-DMR14A Datasheet
180Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DMR14A-1 SUNLED-DMR14A-1 Datasheet
186Kb / 4P
14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DMR14A3 SUNLED-DMR14A3 Datasheet
188Kb / 4P
14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DMR14A3-A SUNLED-DMR14A3-A Datasheet
193Kb / 4P
14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DMR14A3-B SUNLED-DMR14A3-B Datasheet
192Kb / 4P
14.22mm (0.56?? THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR14A2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR14A4 SUNLED-DMR14A4 Datasheet
194Kb / 4P
14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DBBA14A2 SUNLED-DBBA14A2 Datasheet
196Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DBBA14C2 SUNLED-DBBA14C2 Datasheet
198Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUR14A2 SUNLED-DUR14A2 Datasheet
187Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUR14A4-A SUNLED-DUR14A4-A Datasheet
194Kb / 4P
14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUG14A2 SUNLED-DUG14A2 Datasheet
187Kb / 4P
14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DUG14A4 SUNLED-DUG14A4 Datasheet
195Kb / 4P
14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUR14C4-A SUNLED-DUR14C4-A Datasheet
195Kb / 4P
14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUY14A2 SUNLED-DUY14A2 Datasheet
189Kb / 4P
14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DVG14A2 SUNLED-DVG14A2 Datasheet
188Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com