Electronic Components Datasheet Search
  English  ▼

X  

DMR08A Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR08A
Description  9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR08A Datasheet(HTML) 1 Page - SunLED Corporation

  DMR08A Datasheet HTML 1Page - SunLED Corporation DMR08A Datasheet HTML 2Page - SunLED Corporation DMR08A Datasheet HTML 3Page - SunLED Corporation DMR08A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 05,2008
Drawing No : SDSA2017
V4
Checked : Shin Chi
P.1/4
Part Number:
DMR08A
9.9mm (0.39") SINGLE DIGIT NUMERIC DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR08A
Red
GaAlAs
4700
19990
660
Common Anode, Rt. Hand Decimal.
Features
● 0.39 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
STANDARD: GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ p
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.06 08:18:28
+08'00'


Similar Part No. - DMR08A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR08A-A SUNLED-DMR08A-A Datasheet
185Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR08A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR08C-A SUNLED-DMR08C-A Datasheet
185Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08A-A SUNLED-DMR08A-A Datasheet
185Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DMR08C SUNLED-DMR08C Datasheet
185Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUG08A SUNLED-DUG08A Datasheet
186Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUG08A-A SUNLED-DUG08A-A Datasheet
186Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUG08C SUNLED-DUG08C Datasheet
186Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUR08A SUNLED-DUR08A Datasheet
186Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUR08C SUNLED-DUR08C Datasheet
186Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUY08A SUNLED-DUY08A Datasheet
187Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
DUY08A-A SUNLED-DUY08A-A Datasheet
187Kb / 4P
9.9mm (0.39) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com