Electronic Components Datasheet Search
  English  ▼

X  

DUR25C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUR25C
Description  25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR25C Datasheet(HTML) 1 Page - SunLED Corporation

  DUR25C Datasheet HTML 1Page - SunLED Corporation DUR25C Datasheet HTML 2Page - SunLED Corporation DUR25C Datasheet HTML 3Page - SunLED Corporation DUR25C Datasheet HTML 4Page - SunLED Corporation DUR25C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : MAR 13,2008
Drawing No : SDSA2129
V3
Checked : Shin Chi
P.1/5
Part Number:
DUR25C
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Features
● 1.0 INCH DIGIT HEIGHT.
●LOW CURRENT OPERATION.
●EXCELLENT CHARACTER APPEARANCE.
●HIGH LIGHT OUTPUT.
●EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
●I.C. COMPATIBLE.
●MECHANICALLY RUGGED.
●STANARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUR25C
Red
GaAsP/GaP
3000
15990
627
Common Cathode, Rt. Hand Decimal
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
Per Segment Or ( DP)
(IF=10mA)
VF
3.8
(1.9)
V
Forward Voltage (Max.)
Per Segment Or ( DP)
(IF=10mA)
VF
5.0
(2.5)
V
Reverse Current (Max.)
Per Segment Or (DP)
(VR=10(5)V)
IR
10
(10)
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Reverse Voltage
Per Segment or (DP)
VR
10(5)
V
Forward Current
Per Segment or (DP)
IF
30(30)
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
Per Segment or (DP)
iFS
160(160)
mA
Power Dissipation
Per Segment or (DP)
PT
150(75)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds


Similar Part No. - DUR25C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR25C-1 SUNLED-DUR25C-1 Datasheet
206Kb / 5P
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUR25C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21SRWA KINGBRIGHT-SC10-21SRWA Datasheet
122Kb / 4P
25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR25A SUNLED-DUR25A Datasheet
204Kb / 5P
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
DMR25A SUNLED-DMR25A Datasheet
203Kb / 5P
25.4mm (1.0 )SINGLE DIGIT NUMERIC DISPLAY
DMR25C SUNLED-DMR25C Datasheet
204Kb / 5P
25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUG25A SUNLED-DUG25A Datasheet
203Kb / 5P
25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUG25C SUNLED-DUG25C Datasheet
203Kb / 5P
25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUY25A SUNLED-DUY25A Datasheet
201Kb / 5P
25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUY25C SUNLED-DUY25C Datasheet
202Kb / 5P
25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com