Electronic Components Datasheet Search
  English  ▼

X  

DUR38C Datasheet(PDF) 5 Page - SunLED Corporation

Part # DUR38C
Description  38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR38C Datasheet(HTML) 5 Page - SunLED Corporation

  DUR38C Datasheet HTML 1Page - SunLED Corporation DUR38C Datasheet HTML 2Page - SunLED Corporation DUR38C Datasheet HTML 3Page - SunLED Corporation DUR38C Datasheet HTML 4Page - SunLED Corporation DUR38C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Published Date : MAR 01,2008
Drawing No : SDSA1402
V3
Checked : Shin Chi
P.5/5
Part Number:
DUR38C
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
DUR38C
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專用, ou=SPEC專
用, email=fangdh@cn.kingbright.com, c=<無>
日期︰2008.03.21 18:27:11 +08'00'



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com