Electronic Components Datasheet Search
  English  ▼

X  

DMR46C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR46C
Description  44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR46C Datasheet(HTML) 1 Page - SunLED Corporation

  DMR46C Datasheet HTML 1Page - SunLED Corporation DMR46C Datasheet HTML 2Page - SunLED Corporation DMR46C Datasheet HTML 3Page - SunLED Corporation DMR46C Datasheet HTML 4Page - SunLED Corporation DMR46C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 03, 2008
Drawing No : SDSA2155
V3
Checked : Shin Chi
P.1/5
Part Number:
DMR46C
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Features
● 1.75 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● I.C. COMPATIBLE.
● CATEGORIZED FOR LUMINOUS INTENSITY.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice
.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR46C
Red
GaAlAs
18000
74990
660
Common Cathode, Rt. Hand Decimal
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
Per Segment Or (Dp)
VR
15(5)
V
Forward Current
Per Segment Or (Dp)
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
Per Segment Or (Dp)
iFS
155
mA
Power Dissipation
Per Segment Or (Dp)
PT
225(75)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5 Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
Per Segment Or (Dp )
VF
5.4(1.8)
V
Forward Voltage (Max.)
(IF=10mA)
Per Segment Or (Dp )
VF
7.5(2.5)
V
Reverse Current (Max.)
(VR=15V(5V))
Per Segment Or (Dp )
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無
>
日期︰2008.03.12
09:08:27 +08'00'


Similar Part No. - DMR46C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR46A SUNLED-DMR46A Datasheet
205Kb / 5P
44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR46C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11YWA KINGBRIGHT-SC18-11YWA Datasheet
222Kb / 5P
44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR46A SUNLED-DUR46A Datasheet
205Kb / 5P
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
DUR46C SUNLED-DUR46C Datasheet
205Kb / 5P
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
DURG46A SUNLED-DURG46A Datasheet
247Kb / 6P
44.5mm (1.8?? SINGLE DIGIT NUMERIC DISPLAY
DURG46C SUNLED-DURG46C Datasheet
247Kb / 6P
44.5mm (1.8?? SINGLE DIGIT NUMERIC DISPLAY
DMR46A SUNLED-DMR46A Datasheet
205Kb / 5P
44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
DUG46A SUNLED-DUG46A Datasheet
206Kb / 5P
44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
DUG46C SUNLED-DUG46C Datasheet
206Kb / 5P
44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
DUY46A SUNLED-DUY46A Datasheet
208Kb / 5P
44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
DUY46C SUNLED-DUY46C Datasheet
208Kb / 5P
44.5mm (1.8) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com