Electronic Components Datasheet Search
  English  ▼

X  

STGD7NB60H-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD7NB60H-1
Description  N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB60H-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STGD7NB60H-1 Datasheet HTML 1Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 2Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 3Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 4Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 5Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 6Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 7Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STGD7NB60H-1
N-CHANNEL 7A - 600V IPAK
PowerMESH
™ IGBT
s
HIGH INPUT IMPEDANCE
(VOLTAGE DRIVEN)
s
LOW ON-VOLTAGE DROP (Vcesat)
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
VERY HIGH FREQUENCY OPERATION
s
OFF LOSSES INCLUDE TAIL CURRENT
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX”-1”)
DESCRIPTION
Using the latest high voltage technology based
on a patented strip layout, STMicroelectronics
has designed an advanced family of IGBTs, the
PowerMESH
™
IGBTs,
with
outstanding
perfomances. The suffix ”H” identifies a family
optimized to achieve very low switching times for
high frequency applications (<120kHz).
APPLICATIONS
s
HIGH FREQUENCY MOTOR CONTROLS
s
SMPS AND PFC IN BOTH HARD SWITCH
AND RESONANT TOPOLOGIES
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VCES
Collector-Emitter Volt age (VGS = 0)
600
V
VECR
Emitter-Collector Volt age
20
V
VGE
G ate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at Tc =25
oC14
A
IC
Collector Current (continuous) at Tc = 100
oC7
A
ICM(
•)
Collector Current (pulsed)
56
A
Ptot
T otal Dissipation at Tc =25
oC55
W
Derating Fact or
0. 44
W /
o C
Tstg
Storage T emperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperat ure
150
o C
(
•) Pulse width limited by safe operating area
TYPE
VCES
VCE(sat)
IC
STGD7NB60H-1
600 V
< 2.8 V
7 A
June 1999
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1/8


Similar Part No. - STGD7NB60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
More results

Similar Description - STGD7NB60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
Jun-1999
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
Jul-2000
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
04-Jun-2004
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
Jun-2003
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
02-Sep-2004
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Aug-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com