Electronic Components Datasheet Search
  English  ▼

X  

DUR20C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUR20C
Description  20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR20C Datasheet(HTML) 1 Page - SunLED Corporation

  DUR20C Datasheet HTML 1Page - SunLED Corporation DUR20C Datasheet HTML 2Page - SunLED Corporation DUR20C Datasheet HTML 3Page - SunLED Corporation DUR20C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR.01.2008
Drawing No : SDSA2097
V3
Checked : Shin Chi
P.1/4
Part Number:
DUR20C
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUR20C
Red
GaAsP/GaP
1900
7990
627
Common Cathode, Rt. Hand Decimal
Features
● 0.8 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● I.C. COMPATIBLE.
● CATEGORIZED FOR LUMINOUS INTENSITY.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice
.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/
GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.04
10:05:24 +08'00'


Similar Part No. - DUR20C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR20C-1 SUNLED-DUR20C-1 Datasheet
179Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUR20C-A SUNLED-DUR20C-A Datasheet
188Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUR20C-B SUNLED-DUR20C-B Datasheet
189Kb / 4P
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUR20C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR20C-1 SUNLED-DMR20C-1 Datasheet
179Kb / 4P
20.32mm (0.8?? SINGLE DIGIT NUMERIC DISPLAY
DMR20C-A SUNLED-DMR20C-A Datasheet
182Kb / 4P
20.32mm (0.8?? SINGLE DIGIT NUMERIC DISPLAY
DUR20C-1 SUNLED-DUR20C-1 Datasheet
179Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C-1 SUNLED-DUG20C-1 Datasheet
179Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C SUNLED-DUG20C Datasheet
187Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUG20C-B SUNLED-DUG20C-B Datasheet
187Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20A-A SUNLED-DUY20A-A Datasheet
184Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20A-B SUNLED-DUY20A-B Datasheet
191Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C SUNLED-DUY20C Datasheet
190Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
DUY20C-1 SUNLED-DUY20C-1 Datasheet
180Kb / 4P
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com